Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GF1K Datasheet (PDF) - General Semiconductor

GF1K Datasheet PDF - General Semiconductor
Part # GF1K
Download  GF1K Download
File Size   90.41 Kbytes
Page   2 Pages
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor
Description SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER

GF1K Datasheet (PDF)

Go To PDF Page Download Datasheet
GF1K Datasheet PDF - General Semiconductor

Part # GF1K
Download  GF1K Click to download

File Size   90.41 Kbytes
Page   2 Pages
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor
Description SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER

GF1K Datasheet (HTML) - General Semiconductor


GF1K Product details

Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere

FEATURES
♦ Plastic package has Underwriters Laboratory
   Flammability Classification 94V-0
♦ Ideal for surface mount automotive applications
♦ High temperature metallurgically bonded construction
♦ Glass passivated cavity-free junction
♦ Capable of meeting environmental standards of MIL-S-19500
♦ Built-in strain relief
♦ Easy pick and place
♦ High temperature soldering guaranteed: 450°C/5 seconds at terminals
♦ Complete device submersible temperature of 265°C for
   10 seconds in solder bath




Similar Part No. - GF1K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GF1K VISHAY-GF1K Datasheet
42Kb / 2P
Surface Mount Glass Passivated Rectifier
15-Mar-11
logo
Fairchild Semiconductor
GF1K FAIRCHILD-GF1K Datasheet
49Kb / 3P
General Purpose Rectifiers (Glass Passivated)
logo
First Components Intern...
GF1K FCI-GF1K Datasheet
165Kb / 2P
1.0 Amp MEGARECTIFIERS
logo
TAITRON Components Inco...
GF1K TAITRON-GF1K Datasheet
150Kb / 5P
1.0A Surface Mount Sintered Glass Passivated Rectifier
logo
SEMTECH ELECTRONICS LTD...
GF1K SEMTECH_ELEC-GF1K Datasheet
201Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
More results


Similar Description - GF1K

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GF10A ZOWIE-GF10A Datasheet
63Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
GF15A ZOWIE-GF15A Datasheet
61Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
GN1A GOOD-ARK-GN1A Datasheet
199Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
MIC GROUP RECTIFIERS
S1A MIC-S1A Datasheet
61Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Zowie Technology Corpor...
BYD17Z ZOWIE-BYD17Z Datasheet
83Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
BYM10-100-E3 VISHAY-BYM10-100-E3 Datasheet
101Kb / 5P
Surface Mount Glass Passivated Junction Rectifier
26-Jun-06
logo
GOOD-ARK Electronics
GL1X GOOD-ARK-GL1X_15 Datasheet
191Kb / 3P
Surface Mount Glass Passivated Junction Rectifier
logo
DACO SEMICONDUCTOR CO.,...
S3AB DACO-S3AB Datasheet
521Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
1N6478 VISHAY-1N6478_V01 Datasheet
85Kb / 5P
Surface-Mount Glass Passivated Junction Rectifier
18-May-2021
BYM10-50 VISHAY-BYM10-50_V01 Datasheet
85Kb / 5P
Surface Mount Glass Passivated Junction Rectifier
30-Jan-13
More results




About General Semiconductor


General Semiconductor was an American semiconductor company that specialized in the design and manufacture of discrete semiconductor components such as diodes, rectifiers, transistors, and thyristors. The company was founded in 1952 and was headquartered in Melville, New York.

General Semiconductor's products were used in a wide range of applications, including consumer electronics, automotive, industrial, and telecommunications industries. The company's product portfolio included a variety of discrete semiconductor components, such as small signal diodes, power diodes, bridge rectifiers, and transient voltage suppressors (TVS).

In 2001, Vishay Intertechnology, a leading manufacturer of discrete semiconductors and passive electronic components, acquired General Semiconductor in a stock-for-stock transaction valued at approximately $1.6 billion. Following the acquisition, General Semiconductor became a subsidiary of Vishay Intertechnology, and its products and technologies were integrated into Vishay's broad portfolio of electronic components.

Today, Vishay Intertechnology continues to provide a wide range of discrete semiconductor components, leveraging the technologies and expertise gained through the acquisition of General Semiconductor. The company's products are used in various industries, including automotive, computing, telecommunications, and industrial automation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com