Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT9731 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

PT9731 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # PT9731
Download  PT9731 Download
File Size   91.48 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description VHF Power Transistors

PT9731 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT9731 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # PT9731
Download  PT9731 Click to download

File Size   91.48 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description VHF Power Transistors

PT9731 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


PT9731 Product details

The RF Line VHF Power Transistors



... designed primarily for wideband, large-signal output amplifier stages in the 30-200 MHz frequency range.



• Guaranteed Performance at 175 MHz, 28 Vdc

   Output Power — 4 to 25 Watts

   Minimum Gain — 10 to 13dB

   Collector Efficiency — 60%, Min

• 100% Tested for Load Mismatch at All Phase Angles with 30:1 VSWR

• Gold Metallization for Improved Reliability

• Diffused Ballast Resistors



 




Similar Part No. - PT9731

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
PT9730 ASI-PT9730 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
PT9732 ASI-PT9732 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
PT9733 ASI-PT9733 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
More results


Similar Description - PT9731

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSH10 MOTOROLA-MPSH10 Datasheet
78Kb / 4P
VHF/UHF Transistors
logo
List of Unclassifed Man...
2N1693 ETC1-2N1693 Datasheet
245Kb / 3P
silicon transistors UHF/VHF power transistors
logo
Leshan Radio Company
LMBTH10QLT1 LRC-LMBTH10QLT1 Datasheet
148Kb / 5P
VHF/UHF Transistors
LMBTH10WT1 LRC-LMBTH10WT1 Datasheet
181Kb / 5P
VHF/UHF Transistors
logo
Usha India Ltd.
MPSA24 USHA-MPSA24 Datasheet
97Kb / 3P
VHF Transistors
logo
Leshan Radio Company
LMBTH10QLT1G LRC-LMBTH10QLT1G Datasheet
176Kb / 5P
VHF/UHF Transistors
logo
New Jersey Semi-Conduct...
2N3866 NJSEMI-2N3866 Datasheet
252Kb / 2P
NPN UHF/VHF POWER TRANSISTORS
logo
WILLAS ELECTRONIC CORP
MMBTH10LT1 WILLAS-MMBTH10LT1 Datasheet
450Kb / 5P
VHF/UHF Transistors
logo
Leshan Radio Company
LMBTH10QLT1G LRC-LMBTH10QLT1G_15 Datasheet
230Kb / 5P
VHF/UHF Transistors
logo
Yea Shin Technology Co....
MMBTH10Q YEASHIN-MMBTH10Q Datasheet
761Kb / 5P
VHF/UHF Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com