Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT257 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

UT257 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # UT257
Download  UT257 Download
File Size   103.93 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description RECTIFIERS

UT257 Datasheet (PDF)

Go To PDF Page Download Datasheet
UT257 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # UT257
Download  UT257 Click to download

File Size   103.93 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description RECTIFIERS

UT257 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


UT257 Product details

Standard Recovery, 1 Amp to 2 Amp



DESCRIPTION

These miniature power rectifiers offer the user extreme reliability for high-rel military supplies.



FEATURES

• Continuous Rating: to 2A

• Controlled Avalanche

• Surge Rating: to 30A

• PIV: to 1000V

• Miniature Package



 




Similar Part No. - UT257

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UT257 MICROSEMI-UT257 Datasheet
136Kb / 3P
RECTIFIERS
logo
Digitron Semiconductors
UT257 DIGITRON-UT257 Datasheet
179Kb / 4P
RECTIFIERS 1 Amp to 2 Amp
More results


Similar Description - UT257

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4001ID PHILIPS-1N4001ID Datasheet
31Kb / 5P
Rectifiers
1996 Jun 10
logo
Microsemi Corporation
UES1501 MICROSEMI-UES1501 Datasheet
107Kb / 3P
RECTIFIERS
UES3005S MICROSEMI-UES3005S Datasheet
91Kb / 2P
RECTIFIERS
UES4505C MICROSEMI-UES4505C Datasheet
90Kb / 2P
RECTIFIERS
UES4505S MICROSEMI-UES4505S Datasheet
86Kb / 2P
RECTIFIERS
UES704 MICROSEMI-UES704 Datasheet
127Kb / 3P
RECTIFIERS
UT236 MICROSEMI-UT236 Datasheet
136Kb / 3P
RECTIFIERS
UTR10 MICROSEMI-UTR10 Datasheet
145Kb / 3P
RECTIFIERS
JAN1N5418 MICROSEMI-JAN1N5418 Datasheet
87Kb / 2P
RECTIFIERS
logo
New Jersey Semi-Conduct...
1N2103 NJSEMI-1N2103 Datasheet
37Kb / 1P
Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com