Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L78M05AC Datasheet (PDF) - STMicroelectronics

L78M05AC Datasheet PDF - STMicroelectronics
Part # L78M05AC
Download  L78M05AC Download
File Size   650.81 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Precision 500 mA regulators

L78M05AC Datasheet (PDF)

Go To PDF Page Download Datasheet
L78M05AC Datasheet PDF - STMicroelectronics

Part # L78M05AC
Download  L78M05AC Click to download

File Size   650.81 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Precision 500 mA regulators

L78M05AC Datasheet (HTML) - STMicroelectronics


L78M05AC Product details

Description
The L78MxxAB series of three-terminal positive regulators is available in TO-220 and DPAK
packages and with several fixed output voltages, making it useful in a wide range of applications.
These regulators can provide local on-card regulation eliminating the distribution problems
associated with single point regulation. Each type employs internal current limiting, thermal shut
down and safe area protection, making it essentially indestructible. If adequate heat sinking
is provided, they can deliver over 0.5 A output current. Although designed primarily as fixed
voltage regulators, these devices can be usedwith external components to obtain adjustable
voltage and currents.

Features
■ OUTPUT CURRENT TO 0.5A
■ OUTPUT VOLTAGES OF 5; 6; 8; 9; 10; 12; 15; 18; 20; 24V
■ THERMAL OVERLOAD PROTECTION
■ SHORT CIRCUIT PROTECTION
■ OUTPUT TRANSITION SOA PROTECTION
■ ±2% OUTPUT VOLTAGE TOLERANCE
■ GUARANTEED IN EXTENDED TEMPERATURE RANGE




Similar Part No. - L78M05AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78M05AC STMICROELECTRONICS-L78M05AC Datasheet
873Kb / 29P
Precision 500 mA regulators
20-Feb-2008
L78M05AC STMICROELECTRONICS-L78M05AC Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M05AC STMICROELECTRONICS-L78M05AC Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M05AC STMICROELECTRONICS-L78M05AC Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M05AC STMICROELECTRONICS-L78M05AC Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
More results


Similar Description - L78M05AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78MXXAB STMICROELECTRONICS-L78MXXAB Datasheet
873Kb / 29P
Precision 500 mA regulators
20-Feb-2008
L78M05AB STMICROELECTRONICS-L78M05AB_11 Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M24ACDT-TR STMICROELECTRONICS-L78M24ACDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M10ABDT-TR STMICROELECTRONICS-L78M10ABDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M24ABDT-TR STMICROELECTRONICS-L78M24ABDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
CD00000448 STMICROELECTRONICS-CD00000448 Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M05ACDT-TR STMICROELECTRONICS-L78M05ACDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M08ABDT-TR STMICROELECTRONICS-L78M08ABDT-TR Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M STMICROELECTRONICS-L78M Datasheet
1Mb / 47P
Precision 500 mA regulators
21-Mar-2017
L78M STMICROELECTRONICS-L78M_V01 Datasheet
1Mb / 45P
Precision 500 mA regulators
07-Sep-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com