Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J308 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

J308 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # J308
Download  J308 Download
File Size   144.71 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description N-Channel JFETs

J308 Datasheet (PDF)

Go To PDF Page Download Datasheet
J308 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # J308
Download  J308 Click to download

File Size   144.71 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description N-Channel JFETs

J308 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


J308 Product details

DESCRIPTION
The J/SST/U308 series offers superb amplification characteristics. Of special interest is its high-frequency performance. Even at 450 MHz, this series offers high power gain at low noise.
Low-cost J series TO-226AA (TO-92) packaging supports automated assembly with tape-and-reel options. The SST series TO-236 (SOT-23) package provides surface-mount capabilities and is available with tape-and-reel options. The U series hermetically-sealed TO-206AC (TO-52) package supports full military processing. (See Military and Packaging Information for further details.)
For similar dual products packaged in the TO-78, see the U430/431 data sheet.

FEATURES
• Excellent High Frequency Gain:
   Gps 11.5 dB@ 450 MHz
• Very Low Noise: 2.7 dB @ 450 MHz
• Very LowDistortion
• High ac/dc Switch Off-Isolation

BENEFITS
• Wideband High Gain
• Very High System Sensitivity
• High Quality of Amplification
• High-Speed Switching Capability
• High Low-Level Signal Amplification

APPLICATIONS
• High-Frequency Amplifier/Mixer
• Oscillator
• Sample-and-Hold
• Very Low Capacitance Switches




Similar Part No. - J308

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
J308 ONSEMI-J308 Datasheet
160Kb / 8P
JFET VHF/UHF Amplifiers
1997
logo
Calogic, LLC
J308 CALOGIC-J308 Datasheet
26Kb / 2P
N-Channel JFET High Frequency Amplifier
logo
Linear Integrated Syste...
J308 LINEAR-J308 Datasheet
294Kb / 2P
SINGLE N-CHANNEL HIGH FREQUENCY JFET
logo
ON Semiconductor
J308 ONSEMI-J308 Datasheet
190Kb / 6P
JFET VHF/UHF Amplifiers
August, 2006 ??Rev. 2
logo
Intersil Corporation
J308 INTERSIL-J308 Datasheet
4Mb / 122P
P-CHANNEL JFET
More results


Similar Description - J308

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
J105 VISHAY-J105 Datasheet
39Kb / 5P
N-Channel JFETs
04-Jun-01
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
N-Channel JFETs
04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
N-Channel JFETs
24-Jan-05
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
N-Channel JFETs
04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
N-Channel JFETs
24-Jan-05
2N5432 VISHAY-2N5432_07 Datasheet
74Kb / 6P
N-Channel JFETs
04-Jun-01
2N4391 VISHAY-2N4391 Datasheet
82Kb / 7P
N-Channel JFETs
04-Jan-01
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
N-Channel JFETs
04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
N-Channel JFETs
04-Jun-01
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
N-Channel JFETs
28-Jun-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com