Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF374 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

MRF374 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # MRF374
Download  MRF374 Download
File Size   158.98 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description RF Power Field-Effect Transistor

MRF374 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF374 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # MRF374
Download  MRF374 Click to download

File Size   158.98 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description RF Power Field-Effect Transistor

MRF374 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


MRF374 Product details

Designed for broadband commercial and industrial applications with frequencies from 470 - 860 MHz. The high gain and broadband performance of this device make it ideal for large-signal, common source amplifier applications in 28 volt transmitter equipment.

• Typical Two-Tone Performance @ 860 MHz, 28 Volts, Narrowband Fixture
    Output Power- 100 Watts PEP
    Power Gain- 13.5dB
    Efficiency -36%
    IMD--31 dBc
• Typical Performance at 860 MHz, 28 Volts, Broadband Fixture
    Output Power - 100 Watts PEP
    Power Gain- 12 dB
    Efficiency -36%
    IMD--34dBc
• 100% Tested for Load Mismatch Stress at All Phase Angles with 5:1 VSWR @ 28 Vdc, 860 MHz, 100 Watts CW
• Excellent Thermal Stability
• Characterized with Differential Large-Signal Impedance Parameters




Similar Part No. - MRF374

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF374 ASI-MRF374 Datasheet
96Kb / 2P
NPN SILICON RF POWER TRANSISTOR
logo
Motorola, Inc
MRF374A MOTOROLA-MRF374A Datasheet
783Kb / 12P
RF POWER FIELD EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF374A FREESCALE-MRF374A Datasheet
370Kb / 12P
RF Power Field Effect Transistors
MRF374A FREESCALE-MRF374A_06 Datasheet
370Kb / 12P
RF Power Field Effect Transistors
More results


Similar Description - MRF374

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
RF Power Field Effect Transistor
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
RF Power Field Effect Transistor
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
RF POWER FIELD-EFFECT TRANSISTOR
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
RF FIELD-EFFECT POWER TRANSISTOR
logo
Freescale Semiconductor...
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
RF Power Field-Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com