Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L78L12ACD13TR Datasheet (PDF) - STMicroelectronics

L78L12ACD13TR Datasheet PDF - STMicroelectronics
Part # L78L12ACD13TR
Download  L78L12ACD13TR Download
File Size   776.78 Kbytes
Page   47 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Positive voltage regulators

L78L12ACD13TR Datasheet (PDF)

Go To PDF Page Download Datasheet
L78L12ACD13TR Datasheet PDF - STMicroelectronics

Part # L78L12ACD13TR
Download  L78L12ACD13TR Click to download

File Size   776.78 Kbytes
Page   47 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Positive voltage regulators

L78L12ACD13TR Datasheet (HTML) - STMicroelectronics


L78L12ACD13TR Product details

Description
The L78L series of three-terminal positive regulators employ internal current limiting and thermal shutdown, making them essentially indestructible. If adequate heat-sink is provided, they can deliver up to 100 mA output current. They are intended as fixed voltage regulators in a wide range of applications including local or oncard regulation for elimination of noise and distribution problems associated with single-point regulation. In addition, they can be used with power pass elements to make high-current voltage regulators. The L78L series used as Zener diode/resistor combination replacement, offers e improvement along with lower quiescent current and lower noise.

Features
• Output current up to 100 mA
• Output voltages of 3.3; 5; 6; 8; 9; 10; 12; 15; 18; 24 V thermal overload protection
• Short-circuit protection
• No external components are required
• Available in either ± 4% (A) or ± 8% (C) selection




Similar Part No. - L78L12ACD13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78L12ACD13TR STMICROELECTRONICS-L78L12ACD13TR Datasheet
453Kb / 24P
POSITIVE VOLTAGE REGULATORS
Jul-2003
L78L12ACD13TR STMICROELECTRONICS-L78L12ACD13TR Datasheet
907Kb / 29P
Positive voltage regulators
18-Aug-2008
L78L12ACD13TR STMICROELECTRONICS-L78L12ACD13TR Datasheet
769Kb / 46P
Positive voltage regulators
10-Feb-2016
L78L12ACD13TR STMICROELECTRONICS-L78L12ACD13TR Datasheet
879Kb / 40P
Positive voltage regulators
07-Apr-2021
L78L12ACD13TR STMICROELECTRONICS-L78L12ACD13TR Datasheet
818Kb / 41P
Positive voltage regulators
Rev 30 - August 2024
More results


Similar Description - L78L12ACD13TR

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
78L18 WINGS-78L18 Datasheet
154Kb / 2P
Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
POSITIVE VOLTAGE REGULATORS
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
Positive-Voltage Regulators
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
POSITIVE VOLTAGE REGULATORS
Jul-2003
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
POSITIVE-VOLTAGE REGULATORS
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
POSITIVE-VOLTAGE REGULATORS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com