Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC558 Datasheet (PDF) - Micro Commercial Components

BC558 Datasheet PDF - Micro Commercial Components
Part # BC558
Download  BC558 Download
File Size   328.24 Kbytes
Page   5 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Silicon Amplifier Transistor 625mW

BC558 Datasheet (PDF)

Go To PDF Page Download Datasheet
BC558 Datasheet PDF - Micro Commercial Components

Part # BC558
Download  BC558 Click to download

File Size   328.24 Kbytes
Page   5 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Silicon Amplifier Transistor 625mW

BC558 Datasheet (HTML) - Micro Commercial Components


BC558 Product details

Features
• Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
• 150°C Junction Temperature
• Through Hole Package
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Marking:Type Number
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - BC558

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
BC558 SEMTECH-BC558 Datasheet
370Kb / 5P
PNP Silicon Epitaxial Planar Transistor for switching and AF applications???
logo
Siemens Semiconductor G...
BC558 SIEMENS-BC558 Datasheet
213Kb / 6P
PNP SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
BC558 BOCA-BC558 Datasheet
58Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
General Semiconductor
BC558 GE-BC558 Datasheet
253Kb / 6P
Small Signal Transistors (PNP)
logo
KEC(Korea Electronics)
BC558 KEC-BC558 Datasheet
279Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results


Similar Description - BC558

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC546B MCC-BC546B Datasheet
1Mb / 4P
NPN Silicon Amplifier Transistor 625mW
BC556 MCC-BC556 Datasheet
690Kb / 4P
PNP Silicon Amplifier Transistor 625mW
BC546B MCC-BC546B_08 Datasheet
228Kb / 5P
NPN Silicon Amplifier Transistor 625mW
2N5401 MCC-2N5401 Datasheet
281Kb / 5P
PNP Silicon Amplifier Transistor 625mW
BC546A MCC-BC546A Datasheet
301Kb / 5P
NPN Silicon Amplifier Transistor 625mW
BC556 MCC-BC556_11 Datasheet
294Kb / 5P
PNP Silicon Amplifier Transistor 625mW
2N5401 MCC-2N5401_14 Datasheet
437Kb / 5P
PNP Silicon Amplifier Transistor 625mW
BC546A MCC-BC546A_13 Datasheet
341Kb / 5P
NPN Silicon Amplifier Transistor 625mW
BC556A MCC-BC556A Datasheet
385Kb / 5P
PNP Silicon Amplifier Transistor 625mW
MPSA94 MCC-MPSA94_13 Datasheet
309Kb / 3P
PNP Silicon High Voltage Transistor 625mW
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com