Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

101K Datasheet (PDF) - Elantec Semiconductor

101K Datasheet PDF - Elantec Semiconductor
Part # 101K
Download  101K Download
File Size   326.65 Kbytes
Page   16 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Power Operational Amplifier

101K Datasheet (PDF)

Go To PDF Page Download Datasheet
101K Datasheet PDF - Elantec Semiconductor

Part # 101K
Download  101K Click to download

File Size   326.65 Kbytes
Page   16 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Power Operational Amplifier

101K Datasheet (HTML) - Elantec Semiconductor


101K Product details

General Description

The ELH0101 is a wideband power operational amplifier featuring FET inputs, internal compensation, virtually no crossover distortion, and rapid settling time. These features make the ELH0101 an ideal choice for DC or AC servo amplifiers, deflection yoke drivers, programmable power supplies, and disk head positioner amplifiers.



Features

• 5A peak, 2A continuous output current

• 10 V/ms slew rate

• 300 kHz power bandwidth

• 850 mW standby power (±15V supplies)

• 300 pA input bias current

• Virtually no crossover distortion

• 2ms settling time to 0.01%

• 5 MHz gain bandwidth

• MIL-STD-883 devices 100% manufactured in U.S.A.




Similar Part No. - 101K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
101K BOURNS-101K Datasheet
395Kb / 3P
SMD Power Inductors
logo
National Semiconductor ...
101K NSC-101K Datasheet
279Kb / 12P
LH0101 Power Operational Amplifier
logo
Socay Electornics Co., ...
101K SOCAY-101K Datasheet
309Kb / 4P
Radial Lead Varistor (MOV)
logo
TYEE Products Inc
101K TYEE-101K Datasheet
373Kb / 15P
Varistor Specification
logo
New Jersey Semi-Conduct...
101KA60 NJSEMI-101KA60 Datasheet
88Kb / 1P
Thyristors
More results


Similar Description - 101K

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
Cirrus Logic
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
Power Operational Amplifier
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
Power Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com