Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84B8V2 Datasheet (PDF) - Diodes Incorporated

BZX84B8V2 Datasheet PDF - Diodes Incorporated
Part # BZX84B8V2
Download  BZX84B8V2 Download
File Size   95.77 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 350mW SURFACE MOUNT PRECISION ZENER DIODE

BZX84B8V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84B8V2 Datasheet PDF - Diodes Incorporated

Part # BZX84B8V2
Download  BZX84B8V2 Click to download

File Size   95.77 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 350mW SURFACE MOUNT PRECISION ZENER DIODE

BZX84B8V2 Datasheet (HTML) - Diodes Incorporated


BZX84B8V2 Product details

Features
• ±2% Tolerance on VZ
• 350mW Power Dissipation
• Zener Voltages from 2.7V - 39V
• Ideally Suited for Automated Assembly Processes
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - BZX84B8V2

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZX84B8V2 CENTRAL-BZX84B8V2 Datasheet
120Kb / 2P
SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
logo
Pan Jit International I...
BZX84B8V2 PANJIT-BZX84B8V2 Datasheet
92Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
BZX84B8V2 PANJIT-BZX84B8V2 Datasheet
70Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B8V2 SEMTECH_ELEC-BZX84B8V2 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
BZX84B8V2 MCC-BZX84B8V2 Datasheet
312Kb / 6P
Silicon 350 mWatt Zener Diodes
More results


Similar Description - BZX84B8V2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
Rev 30
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
Rev 32
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
Rev 32
BZX84B15-7-F DIODES-BZX84B15-7-F Datasheet
95Kb / 4P
350mW SURFACE MOUNT PRECISION ZENER DIODE
Rev 2
BZX84B2V7 DIODES-BZX84B2V7_15 Datasheet
95Kb / 4P
350mW SURFACE MOUNT PRECISION ZENER DIODE
Rev 2
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
Rev 32
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com