Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7805ACV Datasheet (PDF) - STMicroelectronics

L7805ACV Datasheet PDF - STMicroelectronics
Part # L7805ACV
Download  L7805ACV Download
File Size   1647.41 Kbytes
Page   58 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Positive voltage regulator ICs

L7805ACV Datasheet (PDF)

Go To PDF Page Download Datasheet
L7805ACV Datasheet PDF - STMicroelectronics

Part # L7805ACV
Download  L7805ACV Click to download

File Size   1647.41 Kbytes
Page   58 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Positive voltage regulator ICs

L7805ACV Datasheet (HTML) - STMicroelectronics


L7805ACV Product details

Description
The L78 series of three-terminal positive regulators is available in TO-220, TO-220FP, D²PAK and DPAK packages and several fixed output voltages, making it useful in a wide range of applications.
These regulators can provide local on-card regulation, eliminating the distribution problems associated with single point regulation. Each type embeds internal current limiting, thermal shut down and safe area protection, making it essentially indestructible. If adequate heat sinking is provided, they can deliver over 1 A output current. Although designed primarily as fixed voltage regulators, these devices can be used with external components to obtain adjustable voltage and currents.

Features
● Output current up to 1.5 A
● Output voltages of 5; 6; 8; 8.5; 9; 12; 15; 18; 24 V
● Thermal overload protection
● Short circuit protection
● Output transition SOA protection
● 2 % output voltage tolerance (A version)
● Guaranteed in extended temperature range (A version)




Similar Part No. - L7805ACV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7805ACV STMICROELECTRONICS-L7805ACV Datasheet
108Kb / 17P
PRECISION 1A REGULATORS
Nov-1999
L7805ACV STMICROELECTRONICS-L7805ACV Datasheet
373Kb / 28P
Precision 1A regulators
19-Jan-2007
L7805ACV STMICROELECTRONICS-L7805ACV Datasheet
780Kb / 26P
Precision 1 A regulators
15-Jul-2008
L7805ACV STMICROELECTRONICS-L7805ACV Datasheet
2Mb / 57P
Positive voltage regulator ICs
12-Mar-2013
L7805ACV STMICROELECTRONICS-L7805ACV Datasheet
1Mb / 55P
Positive voltage regulator ICs
17-Sep-2018
More results


Similar Description - L7805ACV

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
POSITIVE VOLTAGE REGULATOR
logo
STMicroelectronics
L7812ABV-DG STMICROELECTRONICS-L7812ABV-DG Datasheet
2Mb / 57P
Positive voltage regulator ICs
12-Mar-2013
L7824ABD2T STMICROELECTRONICS-L7824ABD2T Datasheet
2Mb / 57P
Positive voltage regulator ICs
12-Mar-2013
L7824CV-DG STMICROELECTRONICS-L7824CV-DG Datasheet
2Mb / 57P
Positive voltage regulator ICs
12-Mar-2013
L7805CT STMICROELECTRONICS-L7805CT Datasheet
1Mb / 57P
Positive voltage regulator ICs
19-Sep-2012
L7805CT STMICROELECTRONICS-L7805CT Datasheet
1Mb / 57P
Positive voltage regulator ICs
19-Sep-2012
CD00000444 STMICROELECTRONICS-CD00000444 Datasheet
1Mb / 58P
Positive voltage regulator ICs
L7815CV-DG STMICROELECTRONICS-L7815CV-DG Datasheet
1Mb / 57P
Positive voltage regulator ICs
19-Sep-2012
L7808CV-DG STMICROELECTRONICS-L7808CV-DG Datasheet
1Mb / 57P
Positive voltage regulator ICs
19-Sep-2012
L78 STMICROELECTRONICS-L78_V01 Datasheet
1Mb / 55P
Positive voltage regulator ICs
17-Sep-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com