Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZPY22 Datasheet (PDF) - Diodes Incorporated

ZPY22 Datasheet PDF - Diodes Incorporated
Part # ZPY22
Download  ZPY22 Download
File Size   62.29 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SILICON PLANAR POWER ZENER DIODE

ZPY22 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZPY22 Datasheet PDF - Diodes Incorporated

Part # ZPY22
Download  ZPY22 Click to download

File Size   62.29 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SILICON PLANAR POWER ZENER DIODE

ZPY22 Datasheet (HTML) - Diodes Incorporated


ZPY22 Product details

Features
• 1.3 W Power Dissipation
• Reliable Glass Package
• Planar Die Construction
• 0.7V - 100V Nominal Zener Voltages Plus ZPY1 Stabistor




Similar Part No. - ZPY22

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ZPY22 GE-ZPY22 Datasheet
217Kb / 5P
ZENER DIODES
logo
Vishay Siliconix
ZPY22 VISHAY-ZPY22 Datasheet
186Kb / 5P
Zener Diodes
02-May-02
logo
Diotec Semiconductor
ZPY22 DIOTEC-ZPY22 Datasheet
111Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
logo
EIC discrete Semiconduc...
ZPY22 EIC-ZPY22 Datasheet
35Kb / 2P
ZENER DIODES
logo
Diotec Semiconductor
ZPY22 DIOTEC-ZPY22 Datasheet
90Kb / 2P
Silicon Power Z-Diodes
More results


Similar Description - ZPY22

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
SILICON PLANAR ZENER DIODE
2.0HS SEMTECH-2.0HS Datasheet
280Kb / 4P
SILICON PLANAR ZENER DIODE
logo
Diodes Incorporated
ZPD1 DIODES-ZPD1 Datasheet
63Kb / 3P
SILICON PLANAR ZENER DIODE
DS21402 Rev. E-3
logo
Rectron Semiconductor
BZM55C-BS RECTRON-BZM55C-BS Datasheet
155Kb / 5P
SILICON PLANAR ZENER DIODE
BZV55C-BS RECTRON-BZV55C-BS Datasheet
196Kb / 5P
SILICON PLANAR ZENER DIODE
BZX55C2V0 RECTRON-BZX55C2V0 Datasheet
196Kb / 5P
SILICON PLANAR ZENER DIODE
BZX55C-BS RECTRON-BZX55C-BS Datasheet
278Kb / 5P
SILICON PLANAR ZENER DIODE
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
ZENER DIODE SILICON PLANAR DIODE
logo
Rectron Semiconductor
1N4448 RECTRON-1N4448_12 Datasheet
222Kb / 5P
SILICON PLANAR ZENER DIODE
1N4728A RECTRON-1N4728A_12 Datasheet
178Kb / 5P
SILICON PLANAR ZENER DIODE
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com