Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF02M Datasheet (PDF) - Diodes Incorporated

DF02M Datasheet PDF - Diodes Incorporated
Part # DF02M
Download  DF02M Download
File Size   61.94 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.0A GLASS PASSIVATED BRIDGE RECTIFIERS

DF02M Datasheet (PDF)

Go To PDF Page Download Datasheet
DF02M Datasheet PDF - Diodes Incorporated

Part # DF02M
Download  DF02M Click to download

File Size   61.94 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.0A GLASS PASSIVATED BRIDGE RECTIFIERS

DF02M Datasheet (HTML) - Diodes Incorporated


DF02M Product details

Features

• Glass Passivated Die Construction

• Low Forward Voltage Drop, High Current Capability

• Surge Overload Rating to 50A Peak

• Designed for Printed Circuit Board Applications

• UL Listed Under Recognized Component Index, File Number E94661

• Lead Free Finish, RoHS Compliant (Date Code 0532+) (Note 3)



 




Similar Part No. - DF02M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DF02M FAIRCHILD-DF02M Datasheet
33Kb / 2P
1.5 Ampere Bridge Rectifiers
logo
Fuji Electric
DF02M FUJI-DF02M Datasheet
660Kb / 1P
1 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
General Semiconductor
DF02M GE-DF02M Datasheet
93Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE-BRIDGE RECTIFIER
logo
Comchip Technology
DF02M COMCHIP-DF02M Datasheet
41Kb / 2P
Single-Phase Bridge Rectifiers
logo
International Rectifier
DF02M IRF-DF02M Datasheet
67Kb / 4P
1A Single Phase D.I.L. Rectifier Bridge (1.0A, from 50 to 1000V)
More results


Similar Description - DF02M

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF005 WTE-DF005 Datasheet
50Kb / 3P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DB101 DIODES-DB101 Datasheet
61Kb / 2P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21211 Rev. C-3
DF005M DIODES-DF005M_1 Datasheet
87Kb / 3P
1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21201 Rev. 14 - 2
logo
TAITRON Components Inco...
DF005M TAITRON-DF005M Datasheet
145Kb / 4P
1.0A Glass Passivated Bridge Rectifier
logo
Diodes Incorporated
DF005M DIODES-DF005M_2 Datasheet
106Kb / 3P
1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21201 Rev. 15 - 2
DF06M DIODES-DF06M Datasheet
106Kb / 3P
1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
Rev erse
DF005M DIODES-DF005M_15 Datasheet
106Kb / 3P
1.0A GLASS PASSIVATED BRIDGE RECTIFIERS
Rev erse
logo
Zibo Seno Electronic En...
DB101 ZSELEC-DB101 Datasheet
73Kb / 2P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
DI100 ZSELEC-DI100 Datasheet
116Kb / 2P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
DB102 YFWDIODE-DB102 Datasheet
438Kb / 3P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com