Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C20 Datasheet (PDF) - Diodes Incorporated

BZX84C20 Datasheet PDF - Diodes Incorporated
Part # BZX84C20
Download  BZX84C20 Download
File Size   61.83 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 300mW SURFACE MOUNT ZENER DIODE

BZX84C20 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C20 Datasheet PDF - Diodes Incorporated

Part # BZX84C20
Download  BZX84C20 Click to download

File Size   61.83 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 300mW SURFACE MOUNT ZENER DIODE

BZX84C20 Datasheet (HTML) - Diodes Incorporated


BZX84C20 Product details

Features
• Planar Die Construction
• 350mW Power Dissipation
• Zener Voltages from 2.4V - 51V
• Ideally Suited for Automated Assembly Processes
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - BZX84C20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C20 VISHAY-BZX84C20 Datasheet
70Kb / 5P
350 mW Surface Mount Zener Diodes
01-Apr-99
logo
Won-Top Electronics
BZX84C20 WTE-BZX84C20 Datasheet
56Kb / 4P
350mW SURFACE MOUNT ZENER DIODE
logo
Rectron Semiconductor
BZX84C20 RECTRON-BZX84C20 Datasheet
20Kb / 2P
SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
BZX84C20 JGD-BZX84C20 Datasheet
100Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
logo
Fairchild Semiconductor
BZX84C20 FAIRCHILD-BZX84C20 Datasheet
197Kb / 6P
Series Zeners
More results


Similar Description - BZX84C20

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ23C2V7 DIODES-AZ23C2V7 Datasheet
60Kb / 3P
300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 3 - 2
DZ23C2V7 DIODES-DZ23C2V7 Datasheet
60Kb / 3P
300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
DZ23C2V7 DIODES-DZ23C2V7_1 Datasheet
391Kb / 4P
300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
DZ23C2V7 DIODES-DZ23C2V7_10 Datasheet
87Kb / 5P
300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 18 - 2
AZ23C2V7 DIODES-AZ23C2V7_13 Datasheet
201Kb / 5P
300mW DUAL SURFACE MOUNT ZENER DIODE
Rev 15
logo
Unisonic Technologies
DZ23CXX UTC-DZ23CXX Datasheet
136Kb / 4P
300mW DUAL SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
AZ23C157 DIODES-AZ23C157 Datasheet
201Kb / 5P
300mW DUAL SURFACE MOUNT ZENER DIODE
Rev 15
DZ23C5V1-7 DIODES-DZ23C5V1-7 Datasheet
109Kb / 5P
300mW DUAL SURFACE MOUNT ZENER DIODE
Rev 19
DZ23C2V7 DIODES-DZ23C2V7_15 Datasheet
158Kb / 5P
300mW DUAL SURFACE MOUNT ZENER DIODE
Rev 20
logo
Shenzhen Luguang Electr...
MM3Z2V4 LUGUANG-MM3Z2V4_V01 Datasheet
1Mb / 3P
300mW Surface Mount Zener Diode
Revision:20211201-P1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com