Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY269 Datasheet (PDF) - Diodes Incorporated

BY269 Datasheet PDF - Diodes Incorporated
Part # BY269
Download  BY269 Download
File Size   75.14 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 0.8A FAST RECOVERY HIGH VOLTAGE GLASS BODY RECTIFIER

BY269 Datasheet (PDF)

Go To PDF Page Download Datasheet
BY269 Datasheet PDF - Diodes Incorporated

Part # BY269
Download  BY269 Click to download

File Size   75.14 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 0.8A FAST RECOVERY HIGH VOLTAGE GLASS BODY RECTIFIER

BY269 Datasheet (HTML) - Diodes Incorporated


BY269 Product details

Features
● Hermetically Sealed Glass Body Construction
● High Voltage to 1800V with Low Leakage
● Surge Overload Rating to 20A Peak




Similar Part No. - BY269

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY269 VISHAY-BY269 Datasheet
37Kb / 3P
Silicon Mesa Rectifiers
24-Jun-98
BY269 VISHAY-BY269 Datasheet
130Kb / 5P
Fast Avalanche Sinterglass Diode
13-Apr-05
BY269 VISHAY-BY269 Datasheet
119Kb / 4P
Fast Avalanche Sinterglass Diode
25-Aug-10
BY269 VISHAY-BY269 Datasheet
125Kb / 5P
Fast Avalanche Sinterglass Diode
12-Sep-12
logo
New Jersey Semi-Conduct...
BY269 NJSEMI-BY269 Datasheet
128Kb / 2P
Fast Avalanche Sinterglass Diode
More results


Similar Description - BY269

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BYT40Y DIODES-BYT40Y Datasheet
61Kb / 2P
1.0A HIGH VOLTAGE GLASS BODY RECTIFIER
DS30032 Rev. B-5
logo
Gulf Semiconductor
AU02JG GULFSEMI-AU02JG Datasheet
81Kb / 2P
FAST RECOVERY GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 600V CURRENT: 0.8A
BY268 GULFSEMI-BY268 Datasheet
133Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE:1400 CURRENT: 0.8A
RMD01 GULFSEMI-RMD01 Datasheet
139Kb / 2P
SINGLE PHASE GLASS PASSIVATED FAST RECOVERY SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE: 100V CURRENT:0.8A
RMD04 GULFSEMI-RMD04 Datasheet
139Kb / 2P
SINGLE PHASE GLASS PASSIVATED FAST RECOVERY SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE: 400V CURRENT:0.8A
logo
Frontier Electronics.
FR02-25 FRONTIER-FR02-25 Datasheet
129Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
FV5M-04-LFR FRONTIER-FV5M-04-LFR Datasheet
122Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
R1200F LUGUANG-R1200F Datasheet
246Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
RC0100 SSDI-RC0100_15 Datasheet
30Kb / 1P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Zibo Seno Electronic En...
R05S ZSELEC-R05S Datasheet
138Kb / 2P
0.8A FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com