Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS75S Datasheet (PDF) - Dallas Semiconductor

DS75S Datasheet PDF - Dallas Semiconductor
Part # DS75S
Download  DS75S Download
File Size   240.56 Kbytes
Page   13 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 2.Wire Thermal Watchdog

DS75S Datasheet (PDF)

Go To PDF Page Download Datasheet
DS75S Datasheet PDF - Dallas Semiconductor

Part # DS75S
Download  DS75S Click to download

File Size   240.56 Kbytes
Page   13 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 2.Wire Thermal Watchdog

DS75S Datasheet (HTML) - Dallas Semiconductor


DS75S Product details

DESCRIPTION

The DS75 2–wire thermal watchdog provides 9–bit temperature readings which indicate the temperature of the device. Thermostat settings and temperature readings are all communicated to/from the DS75 over a simple 2–wire serial interface. No additional components are required; the device is truly a “temperature–to–digital” converter



FEATURES

● =Temperature measurements require no external components

● Measures temperatures from –55°C to +125°C. Fahrenheit equivalent is –67°F to +257°F.

● Thermometer accuracy is ±2.0°C.

● Thermometer resolution is configurable from nine (default) to 12 bits (0.5°C to 0.0625°C resolution)

● 9–bit readout mode features a max conversion time of 150 ms.

● Thermostatic settings are user definable.

● Data is read from/written via a 2–wire serial interface. (open drain I/O lines). 3–bit addressability

● Wide power supply range (2.7V – 5.5V).

● Applications include personal computers, cellular telephones, office equipment, or any thermally sensitive system.

● Pin/software compatible to LM75CIM–x Thermal Watchdog in 9–bit (default) mode.

● 8–pin 150 mil SOIC package.




Similar Part No. - DS75S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS75S MAXIM-DS75S Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
022108
DS75S MAXIM-DS75S Datasheet
630Kb / 14P
Digital Thermometer and Thermostat
Rev 1; 2/08
DS75S+ MAXIM-DS75S+ Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
022108
DS75S+ MAXIM-DS75S+ Datasheet
630Kb / 14P
Digital Thermometer and Thermostat
Rev 1; 2/08
DS75S+T&R MAXIM-DS75S+T&R Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
022108
More results


Similar Description - DS75S

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
logo
Maxim Integrated Produc...
DS1371 MAXIM-DS1371 Datasheet
966Kb / 14P
2-Wire, 32-Bit Binary Counter Watchdog Clock
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_05 Datasheet
257Kb / 12P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Maxim Integrated Produc...
LM75 MAXIM-LM75 Datasheet
270Kb / 12P
Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
Rev 0; 3/09
logo
Global Mixed-mode Techn...
G751 GMT-G751_15 Datasheet
63Kb / 1P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Maxim Integrated Produc...
LM75 MAXIM-LM75_V01 Datasheet
1Mb / 13P
Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
2021
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com