Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2506 Datasheet (PDF) - Dallas Semiconductor

DS2506 Datasheet PDF - Dallas Semiconductor
Part # DS2506
Download  DS2506 Download
File Size   558.87 Kbytes
Page   25 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 64-kbit Add-Only Memory

DS2506 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2506 Datasheet PDF - Dallas Semiconductor

Part # DS2506
Download  DS2506 Click to download

File Size   558.87 Kbytes
Page   25 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 64-kbit Add-Only Memory

DS2506 Datasheet (HTML) - Dallas Semiconductor


DS2506 Product details

SILICON LABEL DESCRIPTION
The DS2506 64 kbits Add-Only Memory identifies and stores relevant information about the product to which it is associated. This lot or product specific information can be accessed with minimal interface, for example a single port pin of a microcontroller.

FEATURES
■ 65536 bits Electrically Programmable Read Only Memory (EPROM) communicates with the economy of one signal plus ground
■ Unique, factory-lasered and tested 64-bit registration number (8-bit family code + 48-bit serial number + 8-bit CRC tester) assures absolute traceability because no two parts are alike
■ Built-in multidrop controller ensures compatibility with other MicroLAN products
■ EPROM partitioned into two hundred fifty six 256-bit pages for randomly accessing packetized data records
■ Each memory page can be permanently writeprotected to prevent tampering
■ Device is an “add only” memory where additional data can be programmed into EPROM without disturbing existing data
■ Architecture allows software to patch data by superseding an old page in favor of a newly programmed page
■ Reduces control, address, data, power, and programming signals to a single data pin
■ Directly connects to a single port pin of a microprocessor and communicates at up to 16.3 kbits per second
■ Overdrive mode boosts communication speed to 142 kbits per second
■ 8-bit family code specifies DS2506 communications requirements to reader
■ Presence detector acknowledges when the reader first applies voltage
■ Low cost PR35 or 8-pin SOIC surface mount package
■ Reads over a wide voltage range of 2.8V to 6.0V from -40°C to +85°C; programs at 11.5V to 12.0V from -40°C to +50°C




Similar Part No. - DS2506

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2506 MAXIM-DS2506 Datasheet
898Kb / 25P
64Kb Add-Only Memory
062100
logo
Dallas Semiconductor
DS2506-UNW DALLAS-DS2506-UNW Datasheet
46Kb / 3P
UniqueWare Add-Only Memory
DS2506-UNW-PPPP DALLAS-DS2506-UNW-PPPP Datasheet
46Kb / 3P
UniqueWare Add-Only Memory
DS2506S-UNW DALLAS-DS2506S-UNW Datasheet
46Kb / 3P
UniqueWare Add-Only Memory
DS2506S-UNW-PPPP DALLAS-DS2506S-UNW-PPPP Datasheet
46Kb / 3P
UniqueWare Add-Only Memory
More results


Similar Description - DS2506

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1982 DALLAS-DS1982 Datasheet
444Kb / 23P
1-kbit Add-Only iButton
DS1985 DALLAS-DS1985 Datasheet
440Kb / 25P
16-kbit Add-Only iButton
DS2502 DALLAS-DS2502 Datasheet
451Kb / 3P
1 kbit Add-Only Memory
DS2505 DALLAS-DS2505 Datasheet
525Kb / 24P
16-kbit Add-Only Memory
DS2502-UN DALLAS-DS2502-UN Datasheet
46Kb / 3P
UniqueWare Add-Only Memory
DS2502 DALLAS-DS2502_07 Datasheet
737Kb / 22P
1 kbit Add-Only Memory
logo
Maxim Integrated Produc...
DS2505 MAXIM-DS2505 Datasheet
603Kb / 24P
16Kb Add-Only Memory
071107
DS2502 MAXIM-DS2502_11 Datasheet
1Mb / 24P
1Kb Add-Only Memory
Rev 12/11
logo
Dallas Semiconductor
DS2505 DALLAS-DS2505_07 Datasheet
800Kb / 24P
16-kbit Add-Only Memory
logo
Maxim Integrated Produc...
DS2506 MAXIM-DS2506 Datasheet
898Kb / 25P
64Kb Add-Only Memory
062100
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com