Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-2502 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-2502 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-2502
Download  HCPL-2502 Download
File Size   444.55 Kbytes
Page   16 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Single Channel, High Speed Optocouplers

HCPL-2502 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-2502 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2502
Download  HCPL-2502 Click to download

File Size   444.55 Kbytes
Page   16 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Single Channel, High Speed Optocouplers

HCPL-2502 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-2502 Product details

Description

These diode-transistor optocouplers use an insulating layer between a LED and an integrated photodetector to provide electrical insulation between input and output. Separate connections for the photodiode bias and output-transistor collector increase the speed up to a hundred times that of a conventional phototransistor coupler by reducing the base-collector capacitance. These single channel optocouplers are available in 8-Pin DIP, SO-8 and Widebody package configurations.



Features

• High speed: 1 Mb/s

• TTL compatible

• Available in 8-Pin DIP, SO-8, widebody packages

• Open collector output

• Safety approval

UL Recognized – 3750 Vrms for 1 minute (5000 Vrms for 1 minute for HCNW and Option 020 devices) per UL1577 CSA Approved

IEC/EN/DIN EN 60747-5-2 Approved

– VIORM = 560 V peak for SO8 devices

– VIORM = 630 V peak for DIP 300mil devices

– VIORM = 1414 V peak for DIP 400mil (widebody) devices

• Dual channel version available (253X/053X/0534)



Applications

• High voltage insulation

• Video signal isolation

• Line receivers

• Feedback element in switched mode power supplies

• High speed logic ground isolation

– TTL/TTL, TTL/CMOS, TTL/LSTTL

• Replaces pulse transformers

• Replaces slow phototransistor isolators

• Analog signal ground isolation




Similar Part No. - HCPL-2502

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2502 HP-HCPL-2502 Datasheet
149Kb / 16P
Single Channel, High Speed Optocouplers
logo
List of Unclassifed Man...
HCPL-2502 ETC1-HCPL-2502 Datasheet
898Kb / 8P
HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2502 AVAGO-HCPL-2502 Datasheet
691Kb / 17P
Single Channel, High Speed Optocouplers TTL compatible
HCPL-2502 AVAGO-HCPL-2502 Datasheet
479Kb / 16P
Single Channel, High Speed Optocouplers
logo
Broadcom Corporation.
HCPL-2502 BOARDCOM-HCPL-2502 Datasheet
101Kb / 2P
Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
More results


Similar Description - HCPL-2502

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
6N135 HP-6N135 Datasheet
149Kb / 16P
Single Channel, High Speed Optocouplers
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N135 AVAGO-6N135 Datasheet
691Kb / 17P
Single Channel, High Speed Optocouplers TTL compatible
HCNW4502 AVAGO-HCNW4502 Datasheet
341Kb / 16P
Single Channel, High Speed Optocouplers TTL compatible
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
Single Channel, High Speed Optocouplers
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
Dual Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
Single Channel, High Speed Optocouplers
6N136-020E AVAGO-6N136-020E Datasheet
479Kb / 16P
Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
Single Channel, High Speed Optocouplers
logo
Guangdong Youtai Semico...
6N135 UMW-6N135 Datasheet
793Kb / 7P
Single Channel,High Speed 1MBit/s Transistor Optocouplers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com