Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L78M09AB Datasheet (PDF) - STMicroelectronics

L78M09AB Datasheet PDF - STMicroelectronics
Part # L78M09AB
Download  L78M09AB Download
File Size   650.81 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Output voltages of 5; 6; 8; 9; 10; 12; 15; 24 V

L78M09AB Datasheet (PDF)

Go To PDF Page Download Datasheet
L78M09AB Datasheet PDF - STMicroelectronics

Part # L78M09AB
Download  L78M09AB Click to download

File Size   650.81 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Output voltages of 5; 6; 8; 9; 10; 12; 15; 24 V

L78M09AB Datasheet (HTML) - STMicroelectronics


L78M09AB Product details

Description
The L78MxxAB series of three-terminal positive regulators is available in TO-220 and DPAK
packages and with several fixed output voltages, making it useful in a wide range of applications.
These regulators can provide local on-card regulation eliminating the distribution problems
associated with single point regulation. Each type employs internal current limiting, thermal shut
down and safe area protection, making it essentially indestructible. If adequate heat sinking
is provided, they can deliver over 0.5 A output current. Although designed primarily as fixed
voltage regulators, these devices can be usedwith external components to obtain adjustable
voltage and currents.

Features
■ OUTPUT CURRENT TO 0.5A
■ OUTPUT VOLTAGES OF 5; 6; 8; 9; 10; 12; 15; 18; 20; 24V
■ THERMAL OVERLOAD PROTECTION
■ SHORT CIRCUIT PROTECTION
■ OUTPUT TRANSITION SOA PROTECTION
■ ±2% OUTPUT VOLTAGE TOLERANCE
■ GUARANTEED IN EXTENDED TEMPERATURE RANGE




Similar Part No. - L78M09AB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78M09AB STMICROELECTRONICS-L78M09AB Datasheet
873Kb / 29P
Precision 500 mA regulators
20-Feb-2008
L78M09AB STMICROELECTRONICS-L78M09AB Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M09AB STMICROELECTRONICS-L78M09AB Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M09AB STMICROELECTRONICS-L78M09AB Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
L78M09AB STMICROELECTRONICS-L78M09AB Datasheet
650Kb / 31P
Precision 500 mA regulators
31-May-2012
More results


Similar Description - L78M09AB

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0307-1 MOSEL-MSS0307-1 Datasheet
384Kb / 39P
3/ 6/ 9/ 12 / 15 / 18 VOICE ROM
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T Datasheet
433Kb / 12P
ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
logo
Toshiba Semiconductor
TA78DS05BP TOSHIBA-TA78DS05BP_06 Datasheet
528Kb / 11P
5 V, 6 V, 8 V, 9 V, 10 V, 12 V, 15 V Low Dropout Voltage Regulator
TA7805F TOSHIBA-TA7805F_07 Datasheet
659Kb / 18P
5 V, 5.7 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, 24 V Three Terminal Positive Voltage Regulators
TA7805SB TOSHIBA-TA7805SB_07 Datasheet
662Kb / 15P
5 V, 5.7 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, 24 V Three-Terminal Positive Voltage Regulators
logo
JMK Inc.
AA-1538-14 JMK-AA-1538-14 Datasheet
25Kb / 1P
Input Voltage = 6 -15 Vdc Output voltage = 13.8 8-15 V input
logo
XP Power Limited
VCP24US05 XPPOWER-VCP24US05 Datasheet
422Kb / 2P
Low Cost, Output Voltages from 5 to 24 V, PCB Mount
logo
Texas Instruments
PT6653E TI-PT6653E Datasheet
351Kb / 16P
Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
logo
Analog Devices
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
logo
Silicon Laboratories
SI5332 SILABS-SI5332 Datasheet
816Kb / 59P
Any-Frequency 6/8/12-output
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com