Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA160 Datasheet (PDF) - Leshan Radio Company

SA160 Datasheet PDF - Leshan Radio Company
Part # SA160
Download  SA160 Download
File Size   189.61 Kbytes
Page   9 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts

SA160 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA160 Datasheet PDF - Leshan Radio Company

Part # SA160
Download  SA160 Click to download

File Size   189.61 Kbytes
Page   9 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts

SA160 Datasheet (HTML) - Leshan Radio Company


SA160 Product details

VOLTAGE - 5.0 TO 170 Volts 500Watt Peak Power 3.0 Watt Steady State

Feature
* Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O
* Glass passivated chip junction in DO-15 package
* 500W surge capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time: typically less
   than 1.0 ps from 0 volts to BV min
* Typical IR less than 1μA above 10V
* High temperature soldering guaranteed:
   260°C/10 seconds/.375”,(9.5mm) lead
   length/5lbs., (2.3kg) tension




Similar Part No. - SA160

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA160 PANJIT-SA160 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA160 WTE-SA160 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA160 BYTES-SA160 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA160 DCCOM-SA160 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA160 EIC-SA160 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SA160

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP PANJIT-3KP Datasheet
173Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
SA50 PANJIT-SA50 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Surge Components
3KP SURGE-3KP Datasheet
206Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
5KP SURGE-5KP Datasheet
199Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Central Semiconductor C...
1SMB50A CENTRAL-1SMB50A Datasheet
90Kb / 2P
UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMB50CA CENTRAL-1SMB50CA Datasheet
97Kb / 2P
BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMC50A CENTRAL-1SMC50A Datasheet
144Kb / 2P
UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMC50CA CENTRAL-1SMC50CA Datasheet
144Kb / 2P
BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
logo
StarHope
3KP SPSEMI-3KP Datasheet
429Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 220 Volts
SA SPSEMI-SA Datasheet
918Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 180 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com