Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U643 Datasheet (PDF) - ATMEL Corporation

U643 Datasheet PDF - ATMEL Corporation
Part # U643
Download  U643 Download
File Size   57.77 Kbytes
Page   5 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Flasher, 30-mohm Shunt

U643 Datasheet (PDF)

Go To PDF Page Download Datasheet
U643 Datasheet PDF - ATMEL Corporation

Part # U643
Download  U643 Click to download

File Size   57.77 Kbytes
Page   5 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Flasher, 30-mohm Shunt

U643 Datasheet (HTML) - ATMEL Corporation


U643 Product details

Description

The bipolar integrated circuit U643B is used in relay-controlled automotive flashers where a high-level EMC is required.

Lamp outage is indicated by frequency doubling during hazard warning as well as direction mode.



Features

• Temperature and Supply Voltage Compensated Flashing Frequency

• Frequency Doubling Indicates Lamp Outage

• Relay Driver Output with High Current Carrying Capacity and Low Saturation Voltage

• Minimum Lamp Load for Flasher Operation: ≥ 1W

• Very Low Susceptibility to EMI

• Protection According to ISO/TR 7637/1 Level 4



 




Similar Part No. - U643

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6432B ATMEL-U6432B Datasheet
199Kb / 9P
Low-power Flasher IC with 18-m Shunt
U6432B-MFPG3Y ATMEL-U6432B-MFPG3Y Datasheet
216Kb / 9P
Low-power Flasher IC with 18-mOHM Shunt
U6432B-MFPY ATMEL-U6432B-MFPY Datasheet
216Kb / 9P
Low-power Flasher IC with 18-mOHM Shunt
U6432B ATMEL-U6432B_06 Datasheet
216Kb / 9P
Low-power Flasher IC with 18-mOHM Shunt
logo
TEMIC Semiconductors
U6433B TEMIC-U6433B Datasheet
123Kb / 5P
Flasher, 18-m Shunt, Frequency Doubling Disabling
More results


Similar Description - U643

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2043B TEMIC-U2043B Datasheet
132Kb / 6P
Flasher, 30-mohm Shunt, Pilot Lamp to GND or V Batt
logo
ATMEL Corporation
U6043B ATMEL-U6043B Datasheet
221Kb / 9P
FLASHER IC WITH 19-M SHUNT
logo
TEMIC Semiconductors
U6433B TEMIC-U6433B Datasheet
123Kb / 5P
Flasher, 18-m Shunt, Frequency Doubling Disabling
logo
ATMEL Corporation
U6433B ATMEL-U6433B Datasheet
169Kb / 8P
FLASHER, 18-M SHUNT, FREQUENCY DOUBLING DISABLING
U2043B ATMEL-U2043B Datasheet
201Kb / 10P
Flasher, 30 mOHM Shunt, Pilot Lamp to GND or VBatt
U6432B ATMEL-U6432B_06 Datasheet
216Kb / 9P
Low-power Flasher IC with 18-mOHM Shunt
U6043B ATMEL-U6043B_05 Datasheet
248Kb / 8P
Flasher IC with 18-mOHM Shunt
U643B ATMEL-U643B_05 Datasheet
251Kb / 9P
Flasher, 30-mohm Shunt
U6433B ATMEL-U6433B_05 Datasheet
195Kb / 8P
Flasher, 18-m Shunt, Frequency Doubling Disabling
logo
Unisonic Technologies
UU6043B UTC-UU6043B Datasheet
149Kb / 4P
FLASHER IC WITH 18m廓 SHUNT
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com