Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB2503 Datasheet (PDF) - SMSC Corporation

USB2503 Datasheet PDF - SMSC Corporation
Part # USB2503
Download  USB2503 Download
File Size   652.06 Kbytes
Page   43 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Integrated USB 2.0 Compatible 3-Port Hub

USB2503 Datasheet (PDF)

Go To PDF Page Download Datasheet
USB2503 Datasheet PDF - SMSC Corporation

Part # USB2503
Download  USB2503 Click to download

File Size   652.06 Kbytes
Page   43 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Integrated USB 2.0 Compatible 3-Port Hub

USB2503 Datasheet (HTML) - SMSC Corporation


USB2503 Product details

General Description
The SMSC 3-Port Hub is fully compliant with the USB 2.0 Specification and will attach to a USB host as a Full-Speed Hub or as a Full-/High-Speed Hub. The 3-Port Hub supports Low-Speed, Full-Speed, and High-Speed (if operating as a High-Speed Hub) downstream devices on all of the enabled downstream ports.

PRODUCT FEATURES
■ Integrated USB 2.0 Compatible 3-Port Hub
    — 3 Transaction Translators for highest performance
    — High-Speed (480Mbits/s), Full-Speed (12Mbits/s) and Low-Speed (1.5Mbits/s) compatible
    — Full power management with per port or ganged, selectable power control
    — Detects Bus-Power/Self-Power source and changes mode automatically
■ Complete USB Specification 2.0 Compatibility
    — Includes USB 2.0 Transceivers
■ VID/PID/DID, and Port Configuration for Hub via:
    — Single Serial I2C EEPROM
    — SMBus Slave Port
■ Default VID/PID/DID, allows functionality when configuration EEPROM is absent
■ Hardware Strapping options allow for configuration without an external EEPROM or SMBus Host
■ On-Board 24MHz Crystal Driver Circuit or 24 MHz external clock driver
■ Internal PLL for 480MHz USB 2.0 Sampling
■ Internal 1.8V Linear Voltage Regulator
■ Integrated USB termination and Pull-up/Pull-down resistors
■ Internal Short Circuit protection of USB differential signal pins
■ 1.8 Volt Low Power Core Operation
■ 3.3 Volt I/O with 5V Input Tolerance
■ 48 Pin QFN lead-free RoHS compliant package




Similar Part No. - USB2503

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2503 SMSC-USB2503 Datasheet
1Mb / 43P
Integrated USB2.0 Compatible 3-Port Hub
USB2503 SMSC-USB2503 Datasheet
2Mb / 46P
USB 2.0 High-Speed 4-Port Hub Controller
logo
Microchip Technology
USB2503 MICROCHIP-USB2503 Datasheet
725Kb / 42P
Integrated USB 2.0 Compatible 3-Port Hub
06/23/16
USB2503-HZH MICROCHIP-USB2503-HZH Datasheet
725Kb / 42P
Integrated USB 2.0 Compatible 3-Port Hub
06/23/16
logo
SMSC Corporation
USB2503A SMSC-USB2503A Datasheet
2Mb / 46P
USB 2.0 High-Speed 4-Port Hub Controller
More results


Similar Description - USB2503

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2503 SMSC-USB2503 Datasheet
1Mb / 43P
Integrated USB2.0 Compatible 3-Port Hub
USB2507 SMSC-USB2507 Datasheet
796Kb / 44P
Integrated USB 2.0 Compatible 7-Port Hub
USB2504 SMSC-USB2504_06 Datasheet
781Kb / 46P
Integrated USB 2.0 Compatible 4-Port Hub
USB2507 SMSC-USB2507_07 Datasheet
610Kb / 44P
Integrated USB 2.0 Compatible 7-Port Hub
USB2504 SMSC-USB2504_07 Datasheet
596Kb / 46P
Integrated USB 2.0 Compatible 4-Port Hub
logo
Texas Instruments
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
logo
Microchip Technology
USB2507 MICROCHIP-USB2507 Datasheet
376Kb / 42P
Integrated USB 2.0 Compatible 7-Port Hub
06/23/16
USB2503 MICROCHIP-USB2503 Datasheet
725Kb / 42P
Integrated USB 2.0 Compatible 3-Port Hub
06/23/16
USB2504 MICROCHIP-USB2504 Datasheet
446Kb / 42P
Integrated USB 2.0 Compatible 4-Port Hub
06/23/16
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
4-Port USB 2.0 Hub
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com