Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

192GA106 Datasheet (PDF) - Microchip Technology

192GA106 Datasheet PDF - Microchip Technology
Part # 192GA106
Download  192GA106 Download
File Size   2678.96 Kbytes
Page   330 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers

192GA106 Datasheet (PDF)

Go To PDF Page Download Datasheet
192GA106 Datasheet PDF - Microchip Technology

Part # 192GA106
Download  192GA106 Click to download

File Size   2678.96 Kbytes
Page   330 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers

192GA106 Datasheet (HTML) - Microchip Technology


192GA106 Product details

Special Microcontroller Features:

• Operating Voltage Range of 2.0V to 3.6V

• Self-Reprogrammable under Software Control

• 5.5V Tolerant Input (digital pins only)

• Configurable Open-Drain Outputs on Digital I/O

• High-Current Sink/Source (18 mA/18 mA) on all I/O

• Selectable Power Management modes:

- Sleep, Idle and Doze modes with fast wake-up

• Fail-Safe Clock Monitor Operation:

- Detects clock failure and switches to on-chip FRC oscillator

• On-Chip LDO Regulator

 



Power Management:

• On-Chip 2.5V Voltage Regulator

• Switch between Clock Sources in Real Time

• Idle, Sleep and Doze modes with Fast Wake-up and

Two-Speed Start-up

• Run mode: 1 mA/MIPS, 2.0V Typical

• Standby Current with 32 kHz Oscillator: 2.6 A, 2.0V Typical

• Power-on Reset (POR), Power-up Timer (PWRT),

Low-Voltage Detect (LVD) and Oscillator Start-up Timer

(OST)

• Flexible Watchdog Timer (WDT) with On-Chip

Low-Power RC Oscillator for Reliable Operation

• In-Circuit Serial Programming™ (ICSP™) and

In-Circuit Debug (ICD) via 2 Pins

• JTAG Boundary Scan Support

• Brown-out Reset (BOR)

• Flash Program Memory:

- 10,000 erase/write cycle endurance (minimum)

- 20-year data retention minimum

- Selectable write protection boundary

- Write protection option for Flash Configuration Words



High-Performance CPU:

• Modified Harvard Architecture

• Up to 16 MIPS Operation at 32 MHz

• 8 MHz Internal Oscillator

• 17-Bit x 17-Bit Single-Cycle Hardware Multiplier

• 32-Bit by 16-Bit Hardware Divider

• 16 x 16-Bit Working Register Array

• C Compiler Optimized Instruction Set Architecture with Flexible Addressing modes

• Linear Program Memory Addressing, Up to 12 Mbytes

• Linear Data Memory Addressing, Up to 64 Kbytes

• Two Address Generation Units for Separate Read and Write Addressing of Data Memory



Analog Features:

• 10-Bit, Up to 16-Channel Analog-to-Digital (A/D) Converter at 500 ksps:

- Conversions available in Sleep mode

• Three Analog Comparators with Programmable Input/Output Configuration

• Charge Time Measurement Unit (CTMU)




Similar Part No. - 192GA106

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
192GA106 MICROCHIP-192GA106 Datasheet
2Mb / 330P
64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
2010
192GA106 MICROCHIP-192GA106 Datasheet
3Mb / 292P
64/80/100-Pin, 16-Bit General Purpose Flash Microcontrollers with Peripheral Pin Select
01/02/08
192GA106 MICROCHIP-192GA106 Datasheet
3Mb / 292P
64/80/100-Pin, 16-Bit General Purpose Flash Microcontrollers with Peripheral Pin Select
01/02/08
192GA106 MICROCHIP-192GA106 Datasheet
3Mb / 292P
64/80/100-Pin, 16-Bit General Purpose Flash Microcontrollers with Peripheral Pin Select
01/02/08
More results


Similar Description - 192GA106

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ128GA010 MICROCHIP-PIC24FJ128GA010_09 Datasheet
3Mb / 240P
64/80/100-Pin General Purpose, 16-Bit Flash Microcontrollers
2009
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110 Datasheet
5Mb / 22P
64/80/100-Pin, 16-Bit General Purpose Flash Microcontrollers with Peripheral Pin Select
11/29/12
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110_10 Datasheet
2Mb / 330P
64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
2010
PIC24FJ128GA010 MICROCHIP-PIC24FJ128GA010_12 Datasheet
2Mb / 258P
64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
11/29/11
PIC24FJ128GA006-IPT MICROCHIP-PIC24FJ128GA006-IPT Datasheet
2Mb / 258P
64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
11/29/11
PIC24FJ64GA006-I MICROCHIP-PIC24FJ64GA006-I Datasheet
2Mb / 258P
64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
11/29/11
PIC24FJ192GA106-I MICROCHIP-PIC24FJ192GA106-I Datasheet
3Mb / 292P
64/80/100-Pin, 16-Bit General Purpose Flash Microcontrollers with Peripheral Pin Select
01/02/08
PIC24FJ256GA106T-I MICROCHIP-PIC24FJ256GA106T-I Datasheet
3Mb / 292P
64/80/100-Pin, 16-Bit General Purpose Flash Microcontrollers with Peripheral Pin Select
01/02/08
PIC24FJ256GA110-I MICROCHIP-PIC24FJ256GA110-I Datasheet
3Mb / 292P
64/80/100-Pin, 16-Bit General Purpose Flash Microcontrollers with Peripheral Pin Select
01/02/08
PIC24FJ128GA010-IPF MICROCHIP-PIC24FJ128GA010-IPF Datasheet
2Mb / 258P
64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
11/29/11
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com