Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC5643AF0MMG2 Datasheet (PDF) - Freescale Semiconductor, Inc

SPC5643AF0MMG2 Datasheet PDF - Freescale Semiconductor, Inc
Part # SPC5643AF0MMG2
Download  SPC5643AF0MMG2 Download
File Size   2489.99 Kbytes
Page   138 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description MPC5644A Microcontroller Data Sheet

SPC5643AF0MMG2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPC5643AF0MMG2 Datasheet PDF - Freescale Semiconductor, Inc

Part # SPC5643AF0MMG2
Download  SPC5643AF0MMG2 Click to download

File Size   2489.99 Kbytes
Page   138 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description MPC5644A Microcontroller Data Sheet

SPC5643AF0MMG2 Datasheet (HTML) - Freescale Semiconductor, Inc


SPC5643AF0MMG2 Product details

Description

The microcontroller’s e200z4 host processor core is built on Power Architecture® technology and designed specifically for embedded applications. In addition to the Power Architecture technology, this core supports instructions for digital signal processing (DSP).

The MPC5644A has two levels of memory hierarchy consisting of 8 KB of instruction cache, backed by 192 KB on-chip SRAM and 4 MB of internal flash memory. The MPC5644A includes an external bus interface, and also a calibration bus that is only accessible when using the Freescale VertiCal Calibration System.

This document describes the features of the MPC5644A and highlights important electrical and physical characteristics of the device.



MPC5644A Microcontroller

Data Sheet

• 150 MHz e200z4 Power Architecture core

   — Variable length instruction encoding (VLE)

   — Superscalar architecture with 2 execution units

   — Up to 2 integer or floating point instructions per cycle

   — Up to 4 multiply and accumulate operations per cycle

• Memory organization

   — 4 MB on-chip flash memory with ECC and Read While Write (RWW)

   — 192 KB on-chip SRAM with standby functionality (32 KB) and ECC

   — 8 KB instruction cache (with line locking), configurable as 2- or 4-way

   — 14 + 3 KB eTPU code and data RAM

   — 5 x 4 crossbar switch (XBAR)

   — 24-entry MMU

   — External Bus Interface (EBI) with slave and master port

• Fail Safe Protection

   — 16-entry Memory Protection Unit (MPU)

   — CRC unit with 3 sub-modules

   — Junction temperature sensor

• Interrupts

   — Configurable interrupt controller (with NMI)

   — 64-channel DMA

• Serial channels

   — 3 x eSCI

   — 3 x DSPI (2 of which support downstream Micro Second Channel [MSC])

   — 3 x FlexCAN with 64 messages each

   — 1 x FlexRay module (V2.1) up to 10 Mbit/s with dual or single channel and 128 message objects and ECC

• 1 x eMIOS: 24 unified channels

• 1 x eTPU2 (second generation eTPU)

   — 32 standard channels

   — 1 x reaction module (6 channels with three outputs per channel)

• 2 enhanced queued analog-to-digital converters (eQADCs)

   — Forty 12-bit input channels (multiplexed on 2 ADCs); expandable to 56 channels with external multiplexers

   — 6 command queues

   — Trigger and DMA support

   — 688 ns minimum conversion time

• On-chip CAN/SCI/FlexRay Bootstrap loader with Boot Assist Module (BAM)

• Nexus

   — Class 3+ for the e200z4 core

   — Class 1 for the eTPU

• JTAG (5-pin)

• Development Trigger Semaphore (DTS)

   — Register of semaphores (32-bits) and an identification register

   — Used as part of a triggered data acquisition protocol

   — EVTO pin is used to communicate to the external tool

• Clock generation

   — On-chip 4–40 MHz main oscillator

   — On-chip FMPLL (frequency-modulated phase-locked loop)

• Up to 120 general purpose I/O lines

   — Individually programmable as input, output or special function

   — Programmable threshold (hysteresis)

• Power reduction mode: slow, stop and stand-by modes

• Flexible supply scheme

   — 5 V single supply with external ballast

   — Multiple external supply: 5 V, 3.3 V and 1.2 V

• Packages

   — 176 LQFP

   — 208 MAPBGA

   — 324 TEPBGA

   496-pin CSP (calibration tool only)



 




Similar Part No. - SPC5643AF0MMG2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SPC5643LAMLL6 NXP-SPC5643LAMLL6 Datasheet
1Mb / 136P
MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
SPC5643LAMLQ1 NXP-SPC5643LAMLQ1 Datasheet
1Mb / 136P
MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
SPC5643LAMLQ1R NXP-SPC5643LAMLQ1R Datasheet
1Mb / 136P
MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
SPC5643LAMLQ8 NXP-SPC5643LAMLQ8 Datasheet
1Mb / 136P
MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
SPC5643LAMMM1 NXP-SPC5643LAMMM1 Datasheet
1Mb / 136P
MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
More results


Similar Description - SPC5643AF0MMG2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
Microcontroller Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
Microcontroller Data Sheet
MPC5644A FREESCALE-MPC5644A Datasheet
2Mb / 138P
MPC5644A Microcontroller
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
Microcontroller Data Sheet
MPC5566MVR132 FREESCALE-MPC5566MVR132 Datasheet
1Mb / 66P
MPC5566 Microcontroller Data Sheet
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
MPC5668x Microcontroller Data Sheet
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
MPC5604E Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
Microcontroller Data Sheet
Rev. 3, June 2012
MPC5674F NXP-MPC5674F Datasheet
2Mb / 132P
MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com