Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F1517T-EPQTP Datasheet (PDF) - Microchip Technology

PIC16F1517T-EPQTP Datasheet PDF - Microchip Technology
Part # PIC16F1517T-EPQTP
Download  PIC16F1517T-EPQTP Download
File Size   6957.8 Kbytes
Page   376 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin Flash Microcontrollers with XLP Technology

PIC16F1517T-EPQTP Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16F1517T-EPQTP Datasheet PDF - Microchip Technology

Part # PIC16F1517T-EPQTP
Download  PIC16F1517T-EPQTP Click to download

File Size   6957.8 Kbytes
Page   376 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin Flash Microcontrollers with XLP Technology

PIC16F1517T-EPQTP Datasheet (HTML) - Microchip Technology


PIC16F1517T-EPQTP Product details

DEVICE OVERVIEW
The PIC16(L)F1516/7/8/9 are described within this data sheet. Figure 1-1 shows a block diagram of the PIC16(L)F1516/7/8/9 devices. Table 1-2 shows the pinout descriptions.
Reference Table 1-1 for peripherals available per device.

Devices Included In This Data Sheet:
  • PIC16F1516 • PIC16LF1516
  • PIC16F1517 • PIC16LF1517
  • PIC16F1518 • PIC16LF1518
  • PIC16F1519 • PIC16LF1519
 
High-Performance RISC CPU:
• C Compiler Optimized Architecture
• Only 49 Instructions
• Up to 28 Kbytes Linear Program Memory Addressing
• Up to 1024 Bytes Linear Data Memory Addressing
• Operating Speed:
   - DC – 20 MHz clock input @ 2.5V
   - DC – 16 MHz clock input @ 1.8V
   - DC – 200 ns instruction cycle
• Interrupt Capability with Automatic Context Saving
• 16-Level Deep Hardware Stack with Optional Overflow/Underflow Reset
• Direct, Indirect and Relative Addressing modes:
   - Two full 16-bit File Select Registers (FSRs)
   - FSRs can read program and data memory

Flexible Oscillator Structure:
• 16 MHz Internal Oscillator Block:
   - Software selectable frequency range from 16 MHz to 31 kHz
• 31 kHz Low-Power Internal Oscillator
• External Oscillator Block with:
   - Four crystal/resonator modes up to 20 MHz
   - Three external clock modes up to 20 MHz
• Fail-Safe Clock Monitor
   - Allows for safe shutdown if peripheral clock stops
• Two-Speed Oscillator Start-up
• Oscillator Start-up Timer (OST)

Analog Features:
• Analog-to-Digital Converter (ADC):
   - 10-bit resolution
   - Up to 28 channels
   - Auto acquisition capability
   - Conversion available during Sleep
• Voltage Reference module:
   - Fixed Voltage Reference (FVR) with 1.024V, 2.048V and 4.096V output levels
• Temperature Indicator

Extreme Low-Power Management PIC16LF1516/7/8/9 with XLP:
• Sleep mode: 20 nA @ 1.8V, typical
• Watchdog Timer: 300 nA @ 1.8V, typical
• Secondary Oscillator: 600 nA @ 32 kHz
• Operating Current: 30 A/MHz @ 1.8V, typical

Special Microcontroller Features:
• Operating Voltage Range:
   - 2.3V-5.5V (PIC16F1516/7/8/9)
   - 1.8V-3.6V (PIC16LF1516/7/8/9)
• Self-Programmable under Software Control
• Power-on Reset (POR)
• Power-up Timer (PWRT)
• Low-Power Brown-out Reset (LPBOR)
• Extended Watchdog Timer (WDT)
• In-Circuit Serial Programming™ (ICSP™) via two pins
• In-Circuit Debug (ICD) via Two Pins
• Enhanced Low-Voltage Programming (LVP)
• Programmable Code Protection
• Low-Power Sleep mode
• 128 Bytes High-Endurance Flash
   - 100,000 write Flash endurance (minimum)

Peripheral Highlights:
• Up to 35 I/O Pins and 1 Input-Only Pin:
   - High current sink/source 25 mA/25 mA
   - Individually programmable weak pull-ups
   - Individually programmable interrupt-on-change (IOC) pins
• Timer0: 8-Bit Timer/Counter with 8-Bit Prescaler
• Enhanced Timer1:
   - 16-bit timer/counter with prescaler
   - External Gate Input mode
   - Low-power 32 kHz secondary oscillator driver
• Timer2: 8-Bit Timer/Counter with 8-Bit Period Register, Prescaler and Postscaler
• Two Capture/Compare (CCP) modules:
• Master Synchronous Serial Port (MSSP) with SPI and I2CTM with:
   - 7-bit address masking
   - SMBus/PMBusTM compatibility
• Enhanced Universal Synchronous Asynchronous Receiver Transmitter (EUSART) module:
   - RS-232, RS-485 and LIN compatible
   - Auto-Baud Detect
   - Auto-wake-up on start




Similar Part No. - PIC16F1517T-EPQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F1517T-EPQTP MICROCHIP-PIC16F1517T-EPQTP Datasheet
6Mb / 376P
28/40/44-Pin Flash Microcontrollers with XLP Technology
11/29/11
More results


Similar Description - PIC16F1517T-EPQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F23K20 MICROCHIP-PIC18F23K20_10 Datasheet
3Mb / 456P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F72X MICROCHIP-PIC16F72X Datasheet
4Mb / 302P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2009
PIC16F1516 MICROCHIP-PIC16F1516 Datasheet
2Mb / 344P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC12F1516 MICROCHIP-PIC12F1516 Datasheet
2Mb / 344P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F1516 MICROCHIP-PIC16F1516_12 Datasheet
6Mb / 376P
28/40/44-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16F722 MICROCHIP-PIC16F722 Datasheet
4Mb / 302P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
03/26/09
PIC16F1512-I MICROCHIP-PIC16F1512-I Datasheet
5Mb / 348P
28-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16F1516-I MICROCHIP-PIC16F1516-I Datasheet
6Mb / 376P
28/40/44-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC18F25K20T-ISO MICROCHIP-PIC18F25K20T-ISO Datasheet
3Mb / 456P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
01/05/10
PIC18F25K20T-ISS MICROCHIP-PIC18F25K20T-ISS Datasheet
3Mb / 456P
28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
01/05/10
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com