Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF30AG Datasheet (PDF) - ON Semiconductor

SMF30AG Datasheet PDF - ON Semiconductor
Part # SMF30AG
Download  SMF30AG Download
File Size   119.91 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 200 W Transient Voltage Suppressor SOD-123 Flat Lead Package

SMF30AG Datasheet (PDF)

Go To PDF Page Download Datasheet
SMF30AG Datasheet PDF - ON Semiconductor

Part # SMF30AG
Download  SMF30AG Click to download

File Size   119.91 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 200 W Transient Voltage Suppressor SOD-123 Flat Lead Package

SMF30AG Datasheet (HTML) - ON Semiconductor


SMF30AG Product details

Zener Transient Voltage Suppressor SOD−123 Flat Lead Package



The SMF5.0A Series is designed to protect voltage sensitive components from high voltage, high energy transients. Excellent clamping capability, high surge capability, low zener impedance and fast response time. Because of its small size, it is ideal for use in cellular phones, portable devices, business machines, power supplies and many other industrial/consumer applications.



Features

• Stand−off Voltage: 5 − 170 Volts

• Peak Power − 200 Watts @ 1 ms (SMF5.0A − SMF58A)

                  − 175 Watts @ 1 ms (SMF60A − SMF170A)

• Maximum Clamp Voltage @ Peak Pulse Current

• Low Leakage

• Response Time is Typically < 1 ns

• ESD Rating of Class 3 (> 16 kV) per Human Body Model

   IEC61000−4−2 Level 4 ESD Protection

   IEC61000−4−4 40 A ESD Protection

• Low Profile − Maximum Height of 1.0 mm

• Small Footprint − Footprint Area of 8.45 mm2

• Supplied in 8 mm Tape and Reel − 3,000 Units per Reel

• Cathode Indicated by Polarity Band

• Lead Orientation in Tape: Cathode Lead to Sprocket Holes

• Pb−Free Packages are Available



 




Similar Part No. - SMF30AG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF30AG ONSEMI-SMF30AG Datasheet
69Kb / 6P
Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
SMF30AG ONSEMI-SMF30AG Datasheet
120Kb / 6P
200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF30AG ONSEMI-SMF30AG Datasheet
119Kb / 6P
200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF30AG ONSEMI-SMF30AG Datasheet
119Kb / 6P
200 W Transient Voltage Suppressor
May, 2013 ??Rev. 7
SMF30AG ONSEMI-SMF30AG Datasheet
119Kb / 6P
200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
More results


Similar Description - SMF30AG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
120Kb / 6P
200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF15AT1G ONSEMI-SMF15AT1G Datasheet
119Kb / 6P
200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF24AT1G ONSEMI-SMF24AT1G Datasheet
119Kb / 6P
200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF9.0AT1G ONSEMI-SMF9.0AT1G Datasheet
119Kb / 6P
200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
129Kb / 6P
200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF10AT1G ONSEMI-SMF10AT1G Datasheet
119Kb / 6P
200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF30AT1G ONSEMI-SMF30AT1G Datasheet
119Kb / 6P
200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF18AT1G ONSEMI-SMF18AT1G Datasheet
119Kb / 6P
200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF60AT1G ONSEMI-SMF60AT1G Datasheet
119Kb / 6P
200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF36AT1G ONSEMI-SMF36AT1G Datasheet
119Kb / 6P
200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com