Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM139D Datasheet (PDF) - STMicroelectronics

LM139D Datasheet PDF - STMicroelectronics
Part # LM139D
Download  LM139D Download

File Size   483.33 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-power quad voltage comparators

LM139D Datasheet (PDF)

Go To PDF Page Download Datasheet
LM139D Datasheet PDF - STMicroelectronics

Part # LM139D
Download  LM139D Click to download

File Size   483.33 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-power quad voltage comparators

LM139D Datasheet (HTML) - STMicroelectronics

Back Button LM139D Datasheet HTML 1Page - STMicroelectronics LM139D Datasheet HTML 2Page - STMicroelectronics LM139D Datasheet HTML 3Page - STMicroelectronics LM139D Datasheet HTML 4Page - STMicroelectronics LM139D Datasheet HTML 5Page - STMicroelectronics LM139D Datasheet HTML 6Page - STMicroelectronics LM139D Datasheet HTML 7Page - STMicroelectronics LM139D Datasheet HTML 8Page - STMicroelectronics LM139D Datasheet HTML 9Page - STMicroelectronics LM139D Datasheet HTML 10Page - STMicroelectronics Next Button 

LM139D Product details

Description
This family of devices consists of four independent precision-voltage comparators with an offset voltage specification as low as 2 mV maximum for LM339A, LM239A and LM139A. Each comparator has been designed specifically to operate from a single power supply over a wide range of voltages. Operation from split power supplies is also possible.
These comparators also have a unique characteristic in that the input common mode voltage range includes ground even though operated from a single power supply voltage.

Features
■ Wide single supply voltage range or dual
   supplies for all devices: +2 to +36 V or ±1 V to
   ±18 V
■ Very low supply current (1.1 mA) independent
   of supply voltage
■ Low input bias current: 25 nA typ
■ Low input offset current: ±5 nA typ
■ Low input offset voltage: ±1 mV typ
■ Input common-mode voltage range includes
   ground
■ Low output saturation voltage: 250 mV typ;
   (ISINK = 4 mA)
■ Differential input voltage range equal to the
   supply voltage
■ TTL, DTL, ECL, MOS, CMOS compatible
   outputs



Similar Part No. - LM139D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM139D STMICROELECTRONICS-LM139D Datasheet
163Kb / 10P
   LOWPOWER QUAD VOLTAGE COMPARATORS
logo
Texas Instruments
LM139D TI-LM139D Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM139D TI-LM139D Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139D TI1-LM139D Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM139D TI-LM139D Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results


Similar Description - LM139D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
   Quad Low-Power Voltage Comparators
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
629Kb / 7P
   LOW POWER QUAD VOLTAGE COMPARATORS
logo
New Japan Radio
NJM339C NJRC-NJM339C Datasheet
310Kb / 7P
   Low power quad voltage comparators
ver.07
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
156Kb / 6P
   LOW POWER QUAD VOLTAGE COMPARATORS
logo
STMicroelectronics
LM139 STMICROELECTRONICS-LM139_V01 Datasheet
776Kb / 19P
   Low-power quad voltage comparators
Rev 4
LM2901 STMICROELECTRONICS-LM2901 Datasheet
540Kb / 12P
   LOW POWER QUAD VOLTAGE COMPARATORS
LM339QT STMICROELECTRONICS-LM339QT Datasheet
549Kb / 19P
   Low-power quad voltage comparators
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com