Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VE-J00 Datasheet (PDF) - Vicor Corporation

VE-J00 Datasheet PDF - Vicor Corporation
Part # VE-J00
Download  VE-J00 Download
File Size   302.85 Kbytes
Page   6 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Half Brick, DC-DC Converters

VE-J00 Datasheet (PDF)

Go To PDF Page Download Datasheet
VE-J00 Datasheet PDF - Vicor Corporation

Part # VE-J00
Download  VE-J00 Click to download

File Size   302.85 Kbytes
Page   6 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Half Brick, DC-DC Converters

VE-J00 Datasheet (HTML) - Vicor Corporation


VE-J00 Product details

Product Highlights
The VI-J00 MiniMod family established a new standard in component-level DC-DC converters. This “junior” size complement to the higher power VI-200 family offers up to 100 W of isolated and regulated power in a board mounted package. With thousands of input/output/power combinations, and with a maximum operating temperature rating of 100˚C, the MiniMod provides nearly unlimited flexibiliy for power system designers to meet demanding time to market requirements.

Features
• RoHS compliant (VE versions)
• Up to 50 Watts per cubic inch
• cULus, cTÜVus
• CE Marked
• Up to 90% efficiency
• Size: 2.28" x 2.4" x 0.5" (57,9 x 61,0 x 12,7)
• Remote sense and current limit
• Logic disable
• Wide range output adjust
• ZCS power architecture
• Low noise FM control
• Isolated output




Similar Part No. - VE-J00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-J00 VICOR-VE-J00 Datasheet
190Kb / 5P
Half Brick DC-DC Converters 25 to 100 Watts
VE-J00 VICOR-VE-J00 Datasheet
297Kb / 6P
Half Brick, DC-DC Converters
VE-J00 VICOR-VE-J00 Datasheet
297Kb / 6P
Half Brick, DC-DC Converters
VE-J00 VICOR-VE-J00 Datasheet
297Kb / 6P
Half Brick, DC-DC Converters
More results


Similar Description - VE-J00

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
RFB300 ARTESYN-RFB300 Datasheet
639Kb / 5P
DC-DC CONVERTERS 300-350 W Half-Brick
logo
Vicor Corporation
VE-J01-CY VICOR-VE-J01-CY Datasheet
297Kb / 6P
Half Brick, DC-DC Converters
VE-J63-EX VICOR-VE-J63-EX Datasheet
297Kb / 6P
Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
Half Brick, DC-DC Converters
VI-J31-CW-S VICOR-VI-J31-CW-S Datasheet
297Kb / 6P
Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
Half Brick, DC-DC Converters
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
Half Brick, DC-DC Converters
logo
Wall Industries,Inc.
DCHBW100 WALL-DCHBW100 Datasheet
952Kb / 8P
82.5-100.8 Watts, Half-Brick DC-DC Power Converters
LV200 WALL-LV200 Datasheet
649Kb / 12P
200 Watt Half-Brick DC - DC Power Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com