Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M27C64 Datasheet (PDF) - Advanced Micro Devices

M27C64 Datasheet PDF - Advanced Micro Devices
Part # M27C64
Download  M27C64 Download
File Size   172.06 Kbytes
Page   12 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 64 Kilobit (8 K x 8-Bit) CMOS EPROM

M27C64 Datasheet (PDF)

Go To PDF Page Download Datasheet
M27C64 Datasheet PDF - Advanced Micro Devices

Part # M27C64
Download  M27C64 Click to download

File Size   172.06 Kbytes
Page   12 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 64 Kilobit (8 K x 8-Bit) CMOS EPROM

M27C64 Datasheet (HTML) - Advanced Micro Devices


M27C64 Product details

GENERAL DESCRIPTION

The Am27C64 is a 64-Kbit ultraviolet erasable program mable read-only memory. It is organized as 8K words by 8 bits per word, operates from a single +5 V supply, has a static standby mode, and features fast single address

location programming. Products are available in win dowed ceramic DIP packages as well as plastic one

time programmable (OTP) PDIP, and PLCC packages.



DISTINCTIVE CHARACTERISTICS

■Fast access time

—45 ns

■Low power consumption

—20 µA typical CMOS standby current

■JEDEC-approved pinout

■Single +5 V power supply

■±10% power supply tolerance available

■100% Flashrite programming

— Typical programming time of 1 second

■Latch-up protected to 100 mA from –1 V to VCC+ 1 V

■High noise immunity

■Versatile features for simple interfacing

— Both CMOS and TTL input/output compatibility

— Two line control functions

■Standard 28-pin DIP, PDIP, and 32-pin PLCC packages




Similar Part No. - M27C64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C64 STMICROELECTRONICS-M27C64 Datasheet
105Kb / 12P
64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
Mar-1998
M27C64A STMICROELECTRONICS-M27C64A Datasheet
105Kb / 12P
64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
Mar-1998
M27C64A STMICROELECTRONICS-M27C64A Datasheet
99Kb / 11P
64K (8K x 8) UV EPROM and OTP ROM
Mar-1995
M27C64A STMICROELECTRONICS-M27C64A Datasheet
181Kb / 22P
64 Kbit (8Kb x8) UV EPROM and OTP EPROM
06-Apr-2006
M27C64A-10F1 STMICROELECTRONICS-M27C64A-10F1 Datasheet
181Kb / 22P
64 Kbit (8Kb x8) UV EPROM and OTP EPROM
06-Apr-2006
More results


Similar Description - M27C64

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C256 AMD-AM27C256 Datasheet
171Kb / 12P
256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
512 Kilobit (64 K x 8-Bit) CMOS EPROM
AM27X128 AMD-AM27X128 Datasheet
139Kb / 10P
128 Kilobit (16 K x 8-Bit) CMOS ExpressROM Device
AM27X256 AMD-AM27X256 Datasheet
139Kb / 10P
256 Kilobit (32 K x 8-Bit) CMOS ExpressROM Device
AM27X512 AMD-AM27X512 Datasheet
135Kb / 10P
512 Kilobit (64 K x 8-Bit) CMOS ExpressROM Device
AM27X64 AMD-AM27X64 Datasheet
139Kb / 10P
64 Kilobit (8 K x 8-Bit) CMOS ExpressROM Device
AMD27C256 AMD-AMD27C256 Datasheet
90Kb / 12P
256 Kilobit (32,768 x 8-Bit) CMOS EPROM
AMD27C64 AMD-AMD27C64 Datasheet
88Kb / 11P
64 Kilobit (8,192 x 8-Bit) CMOS EPROM
logo
Rochester Electronics
AM27C512 ROCHESTER-AM27C512 Datasheet
788Kb / 9P
512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
AM27C512 ROCHESTER-AM27C512_13 Datasheet
611Kb / 9P
512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com