Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1AFS600 Datasheet (PDF) - Microsemi Corporation

M1AFS600 Datasheet PDF - Microsemi Corporation
Part # M1AFS600
Download  M1AFS600 Download
File Size   1893.33 Kbytes
Page   27 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Terrestrial FPGA and SoC Product Catalog

M1AFS600 Datasheet (PDF)

Go To PDF Page Download Datasheet
M1AFS600 Datasheet PDF - Microsemi Corporation

Part # M1AFS600
Download  M1AFS600 Click to download

File Size   1893.33 Kbytes
Page   27 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Terrestrial FPGA and SoC Product Catalog

M1AFS600 Datasheet (HTML) - Microsemi Corporation


M1AFS600 Product details

Features and Benefits
High Capacity
   • 15 k to 1 M System Gates
   • Up to 144 kbits of True Dual-Port SRAM
   • Up to 300 User I/Os
Reprogrammable Flash Technology
   • 130-nm, 7-Layer Metal (6 Copper), Flash-Based CMOS Process
   • Instant On Level 0 Support
   • Single-Chip Solution
   • Retains Programmed Design when Powered Off
High Performance
   • 350 MHz System Performance
   • 3.3 V, 66 MHz 64-Bit PCI†
In-System Programming (ISP) and Security
   • ISP Using On-Chip 128-Bit Advanced Encryption Standard (AES) Decryption (except ARM®-enabled ProASIC®3 devices) via JTAG (IEEE 1532–compliant)†
   • FlashLock® to Secure FPGA Contents
Low Power
   • Core Voltage for Low Power
   • Support for 1.5 V-Only Systems
   • Low-Impedance Flash Switches
High-Performance Routing Hierarchy
   • Segmented, Hierarchical Routing and Clock Structure
Advanced I/O
   • 700 Mbps DDR, LVDS-Capable I/Os (A3P250 and above)
   • 1.5 V, 1.8 V, 2.5 V, and 3.3 V Mixed-Voltage Operation
   • Wide Range Power Supply Voltage Support per JESD8-B, Allowing I/Os to Operate from 2.7 V to 3.6 V
   • Bank-Selectable I/O Voltages—up to 4 Banks per Chip
   • Single-Ended I/O Standards: LVTTL, LVCMOS 3.3 V / 2.5 V / 1.8 V / 1.5 V, 3.3 V PCI / 3.3 V PCI-X† and LVCMOS 2.5 V / 5.0 V Input
   • Differential I/O Standards: LVPECL, LVDS, B-LVDS, and M-LVDS (A3P250 and above)
   • I/O Registers on Input, Output, and Enable Paths
   • Hot-Swappable and Cold Sparing I/Os‡
   • Programmable Output Slew Rate† and Drive Strength
   • Weak Pull-Up/-Down
   • IEEE 1149.1 (JTAG) Boundary Scan Test
   • Pin-Compatible Packages across the ProASIC3 Family
Clock Conditioning Circuit (CCC) and PLL†
   • Six CCC Blocks, One with an Integrated PLL
   • Configurable Phase-Shift, Multiply/Divide, Delay Capabilities and External Feedback
   • Wide Input Frequency Range (1.5 MHz to 350 MHz)
Embedded Memory†
   • 1 kbit of FlashROM User Nonvolatile Memory
   • SRAMs and FIFOs with Variable-Aspect-Ratio 4,608-Bit RAM Blocks (×1, ×2, ×4, ×9, and ×18 organizations)†
   • True Dual-Port SRAM (except ×18)
ARM Processor Support in ProASIC3 FPGAs
   • M1 ProASIC3 Devices—ARM®Cortex™-M1 Soft Processor Available with or without Debug




Similar Part No. - M1AFS600

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
M1AFS600 MICROSEMI-M1AFS600 Datasheet
17Mb / 334P
Fusion Family of Mixed Signal FPGAs
logo
Actel Corporation
M1AFS600-1FG256ES ACTEL-M1AFS600-1FG256ES Datasheet
10Mb / 318P
Actel Fusion Mixed-Signal FPGAs
M1AFS600-1FG256I ACTEL-M1AFS600-1FG256I Datasheet
10Mb / 318P
Actel Fusion Mixed-Signal FPGAs
M1AFS600-1FG256PP ACTEL-M1AFS600-1FG256PP Datasheet
10Mb / 318P
Actel Fusion Mixed-Signal FPGAs
M1AFS600-1FGG256ES ACTEL-M1AFS600-1FGG256ES Datasheet
10Mb / 318P
Actel Fusion Mixed-Signal FPGAs
More results


Similar Description - M1AFS600

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
K0900E70 TECCOR-K0900E70 Datasheet
2Mb / 224P
Thyristor Product Catalog
Q8008L5 TECCOR-Q8008L5 Datasheet
2Mb / 223P
Thyristor Product Catalog
logo
Microsemi Corporation
A3P060-VQG100 MICROSEMI-A3P060-VQG100 Datasheet
1Mb / 27P
Terrestrial FPGA and SoC Product Catalog
A3P125-VQG100 MICROSEMI-A3P125-VQG100 Datasheet
1Mb / 27P
Terrestrial FPGA and SoC Product Catalog
A3P060-QNG132 MICROSEMI-A3P060-QNG132 Datasheet
1Mb / 27P
Terrestrial FPGA and SoC Product Catalog
logo
Cooper Bussmann, Inc.
ABC-5 COOPER-ABC-5 Datasheet
2Mb / 5P
Consumer Aftermarket Product Catalog
logo
Microsemi Corporation
A3P250-FGG256 MICROSEMI-A3P250-FGG256 Datasheet
1Mb / 27P
Terrestrial FPGA and SoC Product Catalog
logo
FCI connector
RC16M23K FCI-CONNECTOR-RC16M23K Datasheet
232Kb / 2P
interactive product catalog
logo
Microsemi Corporation
A3P400-PQG208 MICROSEMI-A3P400-PQG208 Datasheet
1Mb / 27P
FPGA and SoC Product Catalog
DS0128 MICROSEMI-DS0128 Datasheet
1Mb / 140P
IGLOO2 FPGA and SmartFusion2 SoC FPGA
Revision 12.0
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com