Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA075 Datasheet (PDF) - Actel Corporation

APA075 Datasheet PDF - Actel Corporation
Part # APA075
Download  APA075 Download
File Size   1510.66 Kbytes
Page   174 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description Ultra-Fast Local and Long-Line Network

APA075 Datasheet (PDF)

Go To PDF Page Download Datasheet
APA075 Datasheet PDF - Actel Corporation

Part # APA075
Download  APA075 Click to download

File Size   1510.66 Kbytes
Page   174 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description Ultra-Fast Local and Long-Line Network

APA075 Datasheet (HTML) - Actel Corporation


APA075 Product details

Device Family Overview

The ProASICPLUS family of devices, Actel’s second generation family of flash FPGAs, offers enhanced performance over Actel’s ProASIC family. It combines the advantages of ASICs with the benefits of programmable devices through nonvolatile flash technology.



Features and Benefits

High Capacity

Commercial and Industrial

• 75,000 to 1 Million System Gates

• 27 K to 198 Kbits of Two-Port SRAM

• 66 to 712 User I/Os


Military

• 300, 000 to 1 Million System Gates

• 72 K to 198 Kbits of Two Port SRAM

• 158 to 712 User I/Os



Reprogrammable Flash Technology

• 0.22 µm 4 LM Flash-Based CMOS Process

• Live At Power-Up (LAPU) Level 0 Support

• Single-Chip Solution

• No Configuration Device Required

• Retains Programmed Design during Power-Down/Up Cycles

• Mil/Aero Devices Operate over Full Military Temperature Range



Performance

• 3.3 V, 32-Bit PCI, up to 50 MHz (33 MHz over military temperature)

• Two Integrated PLLs

• External System Performance up to 150 MHz



Secure Programming

• The Industry’s Most Effective Security Key (FlashLock®)



Low Power

• Low Impedance Flash Switches

• Segmented Hierarchical Routing Structure

• Small, Efficient, Configurable (Combinatorial or Sequential) Logic Cells



High Performance Routing Hierarchy

• Ultra-Fast Local and Long-Line Network

• High-Speed Very Long-Line Network

• High-Performance, Low Skew, Splittable Global Network

• 100% Routability and Utilization



I/O

• Schmitt-Trigger Option on Every Input

• 2.5 V / 3.3 V Support with Individually-Selectable Voltage and Slew Rate

• Bidirectional Global I/Os

• Compliance with PCI Specification Revision 2.2

• Boundary-Scan Test IEEE Std. 1149.1 (JTAG) Compliant

• Pin-Compatible Packages across the ProASICPLUS Family



Unique Clock Conditioning Circuitry

• PLL with Flexible Phase, Multiply/Divide, and Delay Capabilities

• Internal and/or External Dynamic PLL Configuration

• Two LVPECL Differential Pairs for Clock or Data Inputs



Standard FPGA and ASIC Design Flow

• Flexibility with Choice of Industry-Standard Front-End Tools

• Efficient Design through Front-End Timing and Gate Optimization



ISP Support

• In-System Programming (ISP) via JTAG Port



SRAMs and FIFOs

• SmartGen Netlist Generation Ensures Optimal Usage of Embedded Memory Blocks

• 24 SRAM and FIFO Configurations with Synchronous and Asynchronous Operation up to 150 MHz (typical)



 




Similar Part No. - APA075

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA075 ACTEL-APA075 Datasheet
4Mb / 178P
ProASIC Flash Family FPGAs
APA075 ACTEL-APA075 Datasheet
4Mb / 178P
ProASICPLUS짰 Flash Family FPGAs
logo
Microsemi Corporation
APA075 MICROSEMI-APA075 Datasheet
1Mb / 174P
ProASICPLUS Flash Family FPGAs
APA075 MICROSEMI-APA075 Datasheet
4Mb / 178P
ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA075 ACTEL-APA075 Datasheet
352Kb / 10P
ProASICPLUS Flash Family FPGAs
More results


Similar Description - APA075

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
WLANKITPR1-EVAL INTERSIL-WLANKITPR1-EVAL Datasheet
66Kb / 6P
Wireless Local Area Network PC Card
November 1998
logo
Motorola, Inc
MC33399 MOTOROLA-MC33399 Datasheet
282Kb / 9P
Automotive Local Interconnect Network Physical Interface
logo
Cypress Semiconductor
CY7B951 CYPRESS-CY7B951 Datasheet
150Kb / 9P
Local Area Network ATM Transceiver
logo
Stanford Microdevices
COM9026 STANFORD-COM9026 Datasheet
1Mb / 12P
LOCAL AREA NETWORK CONTROLLER LANC-TM
logo
List of Unclassifed Man...
HYC9068 ETC1-HYC9068 Datasheet
224Kb / 4P
ARCNET Local area network driver land
logo
Freescale Semiconductor...
33399 FREESCALE-33399 Datasheet
435Kb / 19P
Local Interconnect Network (LIN) Physical Interface
logo
Cypress Semiconductor
CY7B951 CYPRESS-CY7B951_06 Datasheet
377Kb / 10P
Local Area Network ATM Transceiver
CY7B951 CYPRESS-CY7B951_11 Datasheet
483Kb / 17P
Local Area Network ATM Transceiver
logo
STMicroelectronics
AN3258 STMICROELECTRONICS-AN3258 Datasheet
180Kb / 16P
Local interconnect network
05-Oct-2010
logo
Texas Instruments
TLIN1021-Q1 TI1-TLIN1021-Q1 Datasheet
1Mb / 41P
TLIN1021-Q1 Local Interconnect Network (LIN) Transceiver with Local Wake and Inhibit
More results




About Actel Corporation


Actel Corporation was a semiconductor company that specialized in designing and manufacturing low-power, high-performance field-programmable gate arrays (FPGAs). The company was founded in 1985 and was headquartered in Mountain View, California, USA.

Actel's FPGAs were used in a variety of applications, including aerospace and defense, automotive, communications, industrial automation, and medical devices. The company's products were known for their low power consumption, high reliability, and security features, which made them well-suited for use in mission-critical applications.

In 2010, Actel Corporation was acquired by Microsemi Corporation, which is now a subsidiary of Microchip Technology. Today, Microchip Technology continues to offer Actel's FPGA products under the SmartFusion brand name.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com