Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F636IST Datasheet (PDF) - Microchip Technology

PIC16F636IST Datasheet PDF - Microchip Technology
Part # PIC16F636IST
Download  PIC16F636IST Download
File Size   4056.66 Kbytes
Page   234 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PIC12F635/PIC16F636/639 Data Sheet

PIC16F636IST Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16F636IST Datasheet PDF - Microchip Technology

Part # PIC16F636IST
Download  PIC16F636IST Click to download

File Size   4056.66 Kbytes
Page   234 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PIC12F635/PIC16F636/639 Data Sheet

PIC16F636IST Datasheet (HTML) - Microchip Technology


PIC16F636IST Product details

DEVICE OVERVIEW
This document contains device specific information for the PIC12F635/PIC16F636/639 devices.
   
High-Performance RISC CPU:
• Only 35 instructions to learn:
    - All single-cycle instructions except branches
• Operating speed:
    - DC – 20 MHz oscillator/clock input
    - DC – 200 ns instruction cycle
• Interrupt capability
• 8-level deep hardware stack
• Direct, Indirect and Relative Addressing modes
   
Special Microcontroller Features:
• Precision Internal Oscillator:
    - Factory calibrated to ±1%, typical
    - Software selectable frequency range of 8 MHz to 125 kHz
    - Software tunable
    - Two-Speed Start-up mode
    - Crystal fail detect for critical applications
    - Clock mode switching during operation for power savings
• Clock mode switching for low-power operation
• Power-Saving Sleep mode
• Wide operating voltage range (2.0V-5.5V)
• Industrial and Extended Temperature range
• Power-on Reset (POR)
• Wake-up Reset (WUR)
• Independent weak pull-up/pull-down resistors
• Programmable Low-Voltage Detect (PLVD)
• Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)
• Brown-out Reset (BOR) with software control option
• Enhanced Low-Current Watchdog Timer (WDT) with on-chip oscillator (software selectable nominal 268 seconds with full prescaler) with software enable
• Multiplexed Master Clear with pull-up/input pin
• Programmable code protection (program and data independent)
• High-Endurance Flash/EEPROM cell:
    - 100,000 write Flash endurance
    - 1,000,000 write EEPROM endurance
    - Flash/Data EEPROM Retention: > 40 years
   
Low-Power Features:
• Standby Current:
    - 1 nA @ 2.0V, typical
• Operating Current:
    - 8.5 μA @ 32 kHz, 2.0V, typical
    - 100 μA @ 1 MHz, 2.0V, typical
• Watchdog Timer Current:
    - 1 μA @ 2.0V, typical (Continue ...)
   




Similar Part No. - PIC16F636IST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F636I/MF MICROCHIP-PIC16F636I/MF Datasheet
3Mb / 196P
8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
2005
PIC16F636I/MFQTP MICROCHIP-PIC16F636I/MFQTP Datasheet
3Mb / 196P
8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
2005
PIC16F636I/P MICROCHIP-PIC16F636I/P Datasheet
3Mb / 196P
8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
2005
PIC16F636I/PQTP MICROCHIP-PIC16F636I/PQTP Datasheet
3Mb / 196P
8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
2005
PIC16F636I/SL MICROCHIP-PIC16F636I/SL Datasheet
3Mb / 196P
8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
2005
More results


Similar Description - PIC16F636IST

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
Microcontroller Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
Microcontroller Data Sheet
MC9S12E128CFUE FREESCALE-MC9S12E128CFUE Datasheet
3Mb / 606P
MC9S12E128 Data Sheet
MC9S12NE64VTUE FREESCALE-MC9S12NE64VTUE Datasheet
3Mb / 554P
MC9S12NE64 Data Sheet
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
Data Sheet
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
Data Sheet
IVR3K42 APLUS-IVR3K42 Datasheet
342Kb / 11P
Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
Data Sheet
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com