Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4449 Datasheet (PDF) - shenzhen wanhexing Electronics Co.,Ltd

AO4449 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd
Part # AO4449
Download  AO4449 Download
File Size   2819.35 Kbytes
Page   6 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 30V P-Channel MOSFET

AO4449 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4449 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4449
Download  AO4449 Click to download

File Size   2819.35 Kbytes
Page   6 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 30V P-Channel MOSFET

AO4449 Datasheet (HTML) - shenzhen wanhexing Electronics Co.,Ltd


AO4449 Product details

General Description
The AO4449 uses advanced trench technology to provide excellent RDS(ON), and ultra-low low gate charge. This device is suitable for use as a load switch or in PWM applications.

Product Summary
   VDS                                     -30V
   ID (at VGS=-10V)                -7A
   RDS(ON) (at VGS=-10V)    < 34mΩ
   RDS(ON) (at VGS = -4.5V) < 54mΩ

   100% UIS Tested
   100% Rg Tested




Similar Part No. - AO4449

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4449 AOSMD-AO4449 Datasheet
114Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
AO4449 AOSMD-AO4449 Datasheet
615Kb / 6P
30V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4449 KEXIN-AO4449 Datasheet
2Mb / 5P
P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4449 VBSEMI-AO4449 Datasheet
959Kb / 8P
P-Channel 30-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4449-HF KEXIN-AO4449-HF Datasheet
2Mb / 5P
P-Channel MOSFET
More results


Similar Description - AO4449

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
TSM3401 TSC-TSM3401_07 Datasheet
349Kb / 6P
30V P-Channel MOSFET
TSM4435 TSC-TSM4435_07 Datasheet
358Kb / 6P
30V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4411 WHXPCB-AO4411 Datasheet
2Mb / 6P
30V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4459 TSC-TSM4459 Datasheet
62Kb / 4P
30V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com