Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC4558 Datasheet (PDF) - Fairchild Semiconductor

RC4558 Datasheet PDF - Fairchild Semiconductor
Part # RC4558
Download  RC4558 Download
File Size   68.42 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual High-Gain Operational Amplifier

RC4558 Datasheet (PDF)

Go To PDF Page Download Datasheet
RC4558 Datasheet PDF - Fairchild Semiconductor

Part # RC4558
Download  RC4558 Click to download

File Size   68.42 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual High-Gain Operational Amplifier

RC4558 Datasheet (HTML) - Fairchild Semiconductor


RC4558 Product details

Description

The RC4558 integrated circuit is a dual high-gain operational amplifier internally compensated and constructed on a single silicon IC using an advanced epitaxial process.



Features

• 2.5 MHz unity gain bandwidth

• Supply voltage ±22V for RM4558 and ±18V for RC/RV4558

• Short-circuit protection

• No frequency compensation required

• No latch-up

• Large common-mode and differential voltage ranges

• Low power consumption

• Parameter tracking over temperature range

• Gain and phase match between amplifiers



 




Similar Part No. - RC4558

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4558 TI-RC4558 Datasheet
57Kb / 11P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558 TI-RC4558 Datasheet
1Mb / 16P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558 TI-RC4558 Datasheet
1Mb / 19P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558 TI1-RC4558 Datasheet
1Mb / 31P
Dual General-Purpose Operational Amplifier
RC4558-W TI1-RC4558-W Datasheet
1Mb / 31P
Dual General-Purpose Operational Amplifier
More results


Similar Description - RC4558

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-06 AD-OP-06 Datasheet
230Kb / 5P
High-Gain Instrumentation Operational Amplifier
logo
National Semiconductor ...
LH0020 NSC-LH0020 Datasheet
66Kb / 3P
HIGH GAIN OPERATIONAL AMPLIFIER
logo
Elantec Semiconductor
EL2224D ELANTEC-EL2224D Datasheet
318Kb / 1P
Dual 60MHz Unity Gain Stable, Operational Amplifier
logo
Analog Devices
OP06BJ AD-OP06BJ Datasheet
233Kb / 5P
High-Gain Instrumentation Operational Amplifier
OP06GJ AD-OP06GJ Datasheet
233Kb / 5P
High-Gain Instrumentation Operational Amplifier
logo
National Semiconductor ...
OPA2832 NSC-OPA2832 Datasheet
949Kb / 37P
Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Fairchild Semiconductor
RM4559D FAIRCHILD-RM4559D Datasheet
95Kb / 14P
Dual High-Gain Operational Amplifier
logo
Texas Instruments
OPA2832 TI1-OPA2832 Datasheet
952Kb / 37P
Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Analog Devices
OP-06 AD-OP-06_15 Datasheet
2Mb / 8P
HIGH GAIN INSTRUMENTATION OPERATIONAL AMPLIFIER
OP06 AD-OP06_15 Datasheet
234Kb / 5P
High Gain Instumentation Operational Amplifier
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com