Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF306 Datasheet (PDF) - Tyco Electronics

HF306 Datasheet PDF - Tyco Electronics
Part # HF306
Download  HF306 Download
File Size   645.92 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RF Signal Relays

HF306 Datasheet (PDF)

Go To PDF Page Download Datasheet
HF306 Datasheet PDF - Tyco Electronics

Part # HF306
Download  HF306 Click to download

File Size   645.92 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RF Signal Relays

HF306 Datasheet (HTML) - Tyco Electronics


HF306 Product details

RF Signal Relays
HF3 Relay

■ Y-Design
■ Frequency range DC to 3GHz
■ Impedance 50Ω or 75Ω
■ Small dimensions (14.6x7.2x10mm)
■ 1 form C contact (1 changeover contact)
■ Immersion cleanable
■ Low power consumption (≤140mW)

Typical applications
    Cable modems and linecards/ CATV, Tabs, measurement and test equipment ATE, satellite / audio / video tuners, wireless base stations and antennas, switching boards




Similar Part No. - HF306

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HF306 MACOM-HF306 Datasheet
1Mb / 12P
Signal and RF Relays
logo
Soshin electric Co., Lt...
HF3060A-TM SOSHIN-HF3060A-TM Datasheet
303Kb / 4P
3-phase 3-line 250VAC
HF3060A-TM SOSHIN-HF3060A-TM Datasheet
299Kb / 5P
3 Phase & 3 lines 250VAC
HF3060A-TMA SOSHIN-HF3060A-TMA Datasheet
193Kb / 4P
3-phase 3-line 250VAC
HF3060A-UN SOSHIN-HF3060A-UN Datasheet
233Kb / 4P
3-phase 3-line 250VAC
More results


Similar Description - HF306

ManufacturerPart #DatasheetDescription
logo
Coto Technology
B10 COTO-B10 Datasheet
87Kb / 2P
RF Relays
logo
Tyco Electronics
HF3 MACOM-HF3 Datasheet
1Mb / 12P
Signal and RF Relays
logo
RHOPOINT COMPONENTS
B10 RHOPOINT-B10 Datasheet
122Kb / 2P
RF Relays
logo
Tyco Electronics
9-1462038-9 MACOM-9-1462038-9 Datasheet
3Mb / 7P
Signal Relays
V23079A1005B301 MACOM-V23079A1005B301 Datasheet
2Mb / 8P
Signal Relays
4-1393789-5 MACOM-4-1393789-5 Datasheet
1Mb / 8P
Signal Relays
logo
List of Unclassifed Man...
1462050-2 ETC2-1462050-2 Datasheet
645Kb / 6P
RF Signal Relays
logo
TE Connectivity Ltd
IM-B TEC-IM-B Datasheet
2Mb / 4P
Signal Relays
logo
Kemet Corporation
EC2-5NU KEMET-EC2-5NU Datasheet
86Kb / 1P
Relays, Signal, EC2
logo
List of Unclassifed Man...
HRA ETC1-HRA Datasheet
400Kb / 3P
Signal Relays
29/06/20
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com