Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD573JP Datasheet (PDF) - Analog Devices

AD573JP Datasheet PDF - Analog Devices
Part # AD573JP
Download  AD573JP Download
File Size   593.76 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit A/D Converter

AD573JP Datasheet (PDF)

Go To PDF Page Download Datasheet
AD573JP Datasheet PDF - Analog Devices

Part # AD573JP
Download  AD573JP Click to download

File Size   593.76 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit A/D Converter

AD573JP Datasheet (HTML) - Analog Devices


AD573JP Product details

PRODUCT DESCRIPTION
The AD573 is a complete 10-bit successive approximation analog-to-digital converter consisting of a DAC, voltage reference, clock, comparator, successive approximation register (SAR) and three state output buffers—all fabricated on a single chip. No external components are required to perform a full accuracy 10-bit conversion in 20 µs.

FEATURES
    Complete 10-Bit A/D Converter with Reference, Clock and Comparator
    Full 8- or 16-Bit Microprocessor Bus Interface
    Fast Successive Approximation Conversion—20 μs typ
    No Missing Codes Over Temperature
    Operates on +5 V and –12 V to –15 V Supplies
    Low Cost Monolithic Construction




Similar Part No. - AD573JP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD573JP AD-AD573JP Datasheet
327Kb / 8P
10-Bit A/D Converter
AD573JP AD-AD573JP Datasheet
517Kb / 11P
10-Bit A/D Converter
23-Feb-2017
AD573JPZ AD-AD573JPZ Datasheet
517Kb / 11P
10-Bit A/D Converter
23-Feb-2017
More results


Similar Description - AD573JP

ManufacturerPart #DatasheetDescription
logo
NEC
UPC667 NEC-UPC667 Datasheet
73Kb / 12P
10-BIT D/A CONVERTER
logo
Sony Corporation
CXA3197R SONY-CXA3197R Datasheet
347Kb / 30P
10-bit 125MSPS D/A Converter
logo
Analog Devices
AD571 AD-AD571 Datasheet
295Kb / 8P
10-Bit A/D Converter
AD573 AD-AD573 Datasheet
327Kb / 8P
10-Bit A/D Converter
logo
fujitsu semiconductor
MB40760 FUJITSU-MB40760 Datasheet
129Kb / 17P
1CHANNEL 10-BIT D/A CONVERTER
logo
Toshiba Semiconductor
TC35083P TOSHIBA-TC35083P Datasheet
305Kb / 11P
10-BIT A-D CONVERTER
logo
Intersil Corporation
KAD5510P-50 INTERSIL-KAD5510P-50 Datasheet
430Kb / 26P
10-Bit, 500MSPS A/D Converter
December 5, 2008
ISLA110P50IRZ INTERSIL-ISLA110P50IRZ Datasheet
1Mb / 34P
10-Bit, 500MSPS A/D Converter
July 25, 2011
logo
Analog Devices
AD571 AD-AD571_17 Datasheet
563Kb / 9P
10-Bit A/D Converter
4/12-Rev. A to Rev. B
AD573 AD-AD573_17 Datasheet
517Kb / 11P
10-Bit A/D Converter
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com