Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MV8005 Datasheet (PDF) - Fairchild Semiconductor

MV8005 Datasheet PDF - Fairchild Semiconductor
Part # MV8005
Download  MV8005 Download
File Size   126.18 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear

MV8005 Datasheet (PDF)

Go To PDF Page Download Datasheet
MV8005 Datasheet PDF - Fairchild Semiconductor

Part # MV8005
Download  MV8005 Click to download

File Size   126.18 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear

MV8005 Datasheet (HTML) - Fairchild Semiconductor


MV8005 Product details

DESCRIPTION
This T-1 3/4 super bright LED has a moderate viewing angle of 20° for concentrated light output. The MV800X series is made with an AllnGaP LED that emits red light at 640 nm. It is encapsulated in a water clear epoxy lens package.

FEATURES
• Popular T-1 3/4 package
• Super high brightness suitable for outdoor applications
• Solid state reliability
• Water clear optics
• Standard 100 mil. lead spacing




Similar Part No. - MV8005

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MV8013 FAIRCHILD-MV8013 Datasheet
128Kb / 4P
SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8014 FAIRCHILD-MV8014 Datasheet
128Kb / 4P
SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8015 FAIRCHILD-MV8015 Datasheet
128Kb / 4P
SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8016 FAIRCHILD-MV8016 Datasheet
128Kb / 4P
SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV801X FAIRCHILD-MV801X Datasheet
128Kb / 4P
SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
More results


Similar Description - MV8005

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MV841X QT-MV841X Datasheet
117Kb / 3P
SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV871X QT-MV871X Datasheet
99Kb / 3P
SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
logo
Fairchild Semiconductor
MV8041 FAIRCHILD-MV8041 Datasheet
126Kb / 4P
SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8111 FAIRCHILD-MV8111 Datasheet
142Kb / 4P
SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8303 FAIRCHILD-MV8303 Datasheet
125Kb / 4P
SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8313 FAIRCHILD-MV8313 Datasheet
127Kb / 4P
SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8713 FAIRCHILD-MV8713 Datasheet
128Kb / 4P
SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8803 FAIRCHILD-MV8803 Datasheet
126Kb / 4P
SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8G01 FAIRCHILD-MV8G01 Datasheet
130Kb / 4P
SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8R01 FAIRCHILD-MV8R01 Datasheet
140Kb / 4P
SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com