Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD574AS Datasheet (PDF) - Analog Devices

AD574AS Datasheet PDF - Analog Devices
Part # AD574AS
Download  AD574AS Download
File Size   781.22 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 12-Bit A/D Converter

AD574AS Datasheet (PDF)

Go To PDF Page Download Datasheet
AD574AS Datasheet PDF - Analog Devices

Part # AD574AS
Download  AD574AS Click to download

File Size   781.22 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete 12-Bit A/D Converter

AD574AS Datasheet (HTML) - Analog Devices


AD574AS Product details

GENERAL DESCRIPTION
The AD5450/AD5451/AD5452/AD54531 are CMOS 8-/10-/12-/14-bit current output digital-to-analog converters (DACs), respecttively. These devices operate from a 2.5 V to 5.5 V power supply, making them suited to several applications including batterypowered applications.

FEATURES
    12 MHz multiplying bandwidth
    Integral nonlinearity (INL) of ±0.25 LSB at 8-bit
    8-lead TSOT and MSOP packages
    2.5 V to 5.5 V supply operation
    Pin-compatible 8-/10-/12-/14-bit current output DACs
    ±10 V reference input
    50 MHz serial interface
    2.7 MSPS update rate
    Extended temperature range: –40°C to +125°C
    4-quadrant multiplication
    Power-on reset with brownout detect
    <0.4 µA typical current consumption
    Guaranteed monotonic
    Qualified for automotive applications

APPLICATIONS
    Portable battery-powered applications
    Waveform generators
    Analog processing
    Instrumentation applications
    Programmable amplifiers and attenuators
    Digitally controlled calibration
    Programmable filters and oscillators
    Composite video
    Ultrasound
    Gain, offset, and voltage trimming
    Qualified for automotive applications




Similar Part No. - AD574AS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD574AS AD-AD574AS Datasheet
781Kb / 12P
Complete 12-Bit A/D Converter
REV. B
AD574AS AD-AD574AS Datasheet
781Kb / 12P
Complete 12-Bit A/D Converter
REV. B
AD574AS AD-AD574AS Datasheet
781Kb / 12P
Complete 12-Bit Converter
REV. B
AD574AS AD-AD574AS Datasheet
781Kb / 12P
Complete 12-Bit A/D Converter
REV. B
AD574AS AD-AD574AS Datasheet
781Kb / 12P
Complete 12-Bit A/D Converter
REV. B
More results


Similar Description - AD574AS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD574A AD-AD574A Datasheet
781Kb / 12P
Complete 12-Bit A/D Converter
REV. B
AD574AKD AD-AD574AKD Datasheet
781Kb / 12P
Complete 12-Bit A/D Converter
REV. B
AD574AJDZ AD-AD574AJDZ Datasheet
781Kb / 12P
Complete 12-Bit A/D Converter
REV. B
AD574AUD AD-AD574AUD Datasheet
781Kb / 12P
Complete 12-Bit A/D Converter
REV. B
AD574ATD-883B AD-AD574ATD-883B Datasheet
781Kb / 12P
Complete 12-Bit A/D Converter
REV. B
AD574AJPZ AD-AD574AJPZ Datasheet
781Kb / 12P
Complete 12-Bit A/D Converter
REV. B
AD574AJP AD-AD574AJP Datasheet
781Kb / 12P
Complete 12-Bit A/D Converter
REV. B
AD370 AD-AD370_15 Datasheet
1Mb / 5P
COMPLETE LOW POWER 12 BIT D/A CONVERTER
AD574A AD-AD574A_15 Datasheet
781Kb / 12P
COMPLETE 12 BIT A/D CONVERTER
REV. B
AD871 AD-AD871_15 Datasheet
382Kb / 16P
Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com