Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS326 Datasheet (PDF) - Coto Technology

CS326 Datasheet PDF - Coto Technology
Part # CS326
Download  CS326 Download
File Size   335.91 Kbytes
Page   2 Pages
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology
Description Contact Form: 2a Load Voltage: 40V Maximum

CS326 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS326 Datasheet PDF - Coto Technology

Part # CS326
Download  CS326 Click to download

File Size   335.91 Kbytes
Page   2 Pages
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology
Description Contact Form: 2a Load Voltage: 40V Maximum

CS326 Datasheet (HTML) - Coto Technology


CS326 Product details

CotoMOS® CT326/CS326
Te CT326 and CS326 feature high current switching capability to 2.0A with a low on resistance of 0.5Ω Maximum. Designed for Security, Measurement and Instrumen tation applications the CotoMOS® relay is capable of handling 40V load conditions. If your requirements are different please contact your Coto Applications Engineer for assistance through www.cotorelay.com.

CT326/CS326 Features
► Contact Form: 2A
► Load Voltage: 40V Maximum
► Operation LED Current: 3.0mA Maximum
► Load Current: 2.0A Maximum
► On-Resistance: 0.5Ω Maximum
► Low Off-State Leakage Current: 1.0μA Maximum
► I/O Breakdown Voltage: 1500Vrms Minimum
► Sufx -H for I/O Breakdown Voltage: 5000Vrms Minimum




Similar Part No. - CS326

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CS326 COTO-CS326 Datasheet
725Kb / 3P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
More results


Similar Description - CS326

ManufacturerPart #DatasheetDescription
logo
Coto Technology
C231S COTO-C231S Datasheet
381Kb / 2P
Contact Form: C231S: 1a / C331S: 2a Load Voltage: 350V Maximum
C235S COTO-C235S Datasheet
379Kb / 2P
Contact Form: C235S: 1a / C335S: 2a Load Voltage: 80V Maximum
C237S COTO-C237S Datasheet
383Kb / 2P
Contact Form: C237S: 1a / C337S: 2a Load Voltage: 60V Maximum
CT126 COTO-CT126 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 40V Maximum
CT330 COTO-CT330 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 400V Maximum
CT331 COTO-CT331 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 350V Maximum
CT334 COTO-CT334 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 200V Maximum
CT335 COTO-CT335 Datasheet
334Kb / 2P
Contact Form: 2a Load Voltage: 80V Maximum
CT337 COTO-CT337 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 60V Maximum
CT338 COTO-CT338 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 600V Maximum
More results




About Coto Technology


Coto Technology is a company that specializes in the design, development, and manufacturing of high-quality magnetic reed switches and other related products. The company was founded in 1917 and is based in North Kingstown, Rhode Island, USA.

Coto Technology offers a wide range of magnetic reed switches and related products, including high-voltage reed relays, automotive-grade reed switches, and surface-mount reed switches. These products are used in a variety of applications, including telecommunications, medical equipment, automotive electronics, and industrial controls.

In addition to magnetic reed switches, Coto Technology also offers a range of complementary products, including dry reed switches, reed sensors, and magnetic proximity sensors. The company has a reputation for producing high-quality, reliable products, and has won numerous awards and accolades for its work in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com