Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5259BS Datasheet (PDF) - Yea Shin Technology Co., Ltd

MMSZ5259BS Datasheet PDF - Yea Shin Technology Co., Ltd
Part # MMSZ5259BS
Download  MMSZ5259BS Download
File Size   1101.12 Kbytes
Page   4 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description 200mW SOD-323 SURFACE MOUNT

MMSZ5259BS Datasheet (PDF)

Go To PDF Page Download Datasheet
MMSZ5259BS Datasheet PDF - Yea Shin Technology Co., Ltd

Part # MMSZ5259BS
Download  MMSZ5259BS Click to download

File Size   1101.12 Kbytes
Page   4 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description 200mW SOD-323 SURFACE MOUNT

MMSZ5259BS Datasheet (HTML) - Yea Shin Technology Co., Ltd


MMSZ5259BS Product details

Specification Features:
■ Wide Zener Voltage Range Selection, 2.4V to 75V
■ VZ Tolerance Selection of ±5%
■ Flat Lead SOD-323 Small Outline Plastic Package
■ Surface Device Type Mounting
■ Moisture Sensitivity Level 1
■  Green EMC
■ RoHS Compliant
■ Matte Tin(Sn) Lead Finish
■ Band Indicates Cathode




Similar Part No. - MMSZ5259BS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5259BS PANJIT-MMSZ5259BS Datasheet
78Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
logo
Diodes Incorporated
MMSZ5259BS DIODES-MMSZ5259BS Datasheet
61Kb / 3P
SURFACE MOUNT ZENER DIODE
DS31038 Rev. 5 - 2
MMSZ5259BS DIODES-MMSZ5259BS Datasheet
456Kb / 4P
SURFACE MOUNT ZENER DIODE
DS31038 Rev. 10 - 2
logo
Won-Top Electronics
MMSZ5259BS WTE-MMSZ5259BS Datasheet
75Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
logo
Pan Jit International I...
MMSZ5259BS PANJIT-MMSZ5259BS Datasheet
79Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
More results


Similar Description - MMSZ5259BS

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
MM3Z2V4B YEASHIN-MM3Z2V4B Datasheet
1Mb / 4P
200mW SOD-323 SURFACE MOUNT
MM3Z2V4C YEASHIN-MM3Z2V4C Datasheet
1Mb / 4P
200mW SOD-323 SURFACE MOUNT
MM5Z2V4 YEASHIN-MM5Z2V4 Datasheet
1Mb / 4P
200mW SOD-523 SURFACE MOUNT
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4S-75S WINNERJOIN-BZT52C2V4S-75S Datasheet
298Kb / 4P
200mW SOD-323 SURFACE MOUNT
BAS216 WINNERJOIN-BAS216 Datasheet
127Kb / 2P
200mW SOD-323 SURFACE MOUNT
logo
Yea Shin Technology Co....
MM3ZXXVB YEASHIN-MM3ZXXVB Datasheet
1Mb / 4P
200mW SOD-323 SURFACE MOUNT
MM3ZXXVC YEASHIN-MM3ZXXVC Datasheet
1Mb / 4P
200mW SOD-323 SURFACE MOUNT
logo
Shanghai Shunye Electro...
1SS400 SHUNYE-1SS400 Datasheet
227Kb / 4P
200mW SOD-523 SURFACE MOUNT
logo
Nanjing International G...
RB521S-30 DGNJDZ-RB521S-30 Datasheet
159Kb / 3P
200mW SOD-523 SURFACE MOUNT
logo
Rectron Semiconductor
1N4148WT RECTRON-1N4148WT Datasheet
189Kb / 6P
200mW SOD-523 SURFACE MOUNT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com