Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6574 Datasheet (PDF) - STMicroelectronics

L6574 Datasheet PDF - STMicroelectronics
Part # L6574
Download  L6574 Download
File Size   169.18 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description CFL/TL BALLAST DRIVER PREHEAT AND DIMMING

L6574 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6574 Datasheet PDF - STMicroelectronics

Part # L6574
Download  L6574 Click to download

File Size   169.18 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description CFL/TL BALLAST DRIVER PREHEAT AND DIMMING

L6574 Datasheet (HTML) - STMicroelectronics


L6574 Product details

DESCRIPTION
In order to ensure voltage ratings in excess of 600V, the L6574 is manufactured with BCD OFF LINE technology, which makes it well suited for lamp ballast applications.
The device is intended to drive two power MOS FETS, in the classical half bridge topology, ensuring all the features needed to drive and properly control a fluorescent bulb.
A dedicated timing section in the L6574 allows the user set the necessary parameters for proper pre heat and ignition of the lamp.
Also, an OP AMP is available to implement closed loop control of the lamp current during normal lamp burning.
An integrated bootstrap section, eliminating the normally required bootstrap diode and the zener clamping on Vs, makes the L6574 well suited for low cost applications where few additional components are needed to build a high performance ballast.

■ HIGH VOLTAGE RAIL UP TO 600V
■ dV/dt IMMUNITY ± 50 V/ns IN FULL TEMPERATURE RANGE
■ DRIVER CURRENT CAPABILITY:
   250mA SOURCE
   450mA SINK
■ SWITCHING TIMES 80/40ns RISE/FALL
■ WITH 1nF LOAD
■ CMOS SHUT DOWN INPUT
■ UNDER VOLTAGE LOCK OUT
■ PREHEAT AND FREQUENCY SHIFTING TIMING
■ SENSE OP AMP FOR CLOSED LOOP CONTROL OR PROTECTION FEATURES
■ HIGH ACCURACY CURRENT CONTROLLED OSCILLATOR
■ INTEGRATED BOOTSTRAP DIODE
■ CLAMPING ON VS.
■ SO16, DIP 16 PACKAGES




Similar Part No. - L6574

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6570A STMICROELECTRONICS-L6570A Datasheet
196Kb / 7P
2-CHANNEL FLOPPY DISK READ/WRITE CIRCUITS
Sep-1988
L6570B STMICROELECTRONICS-L6570B Datasheet
196Kb / 7P
2-CHANNEL FLOPPY DISK READ/WRITE CIRCUITS
Sep-1988
L6571 STMICROELECTRONICS-L6571 Datasheet
234Kb / 12P
High voltage half bridge driver with oscillator
15-Jan-2010
L6571 STMICROELECTRONICS-L6571 Datasheet
234Kb / 12P
High voltage half bridge driver with oscillator
15-Jan-2010
L6571A STMICROELECTRONICS-L6571A Datasheet
60Kb / 7P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
More results


Similar Description - L6574

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2021 PHILIPS-UBA2021 Datasheet
102Kb / 20P
630 V driver IC for CFL and TL lamps
2001 Jan 30
UBA2021 NXP-UBA2021 Datasheet
107Kb / 16P
630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
logo
Princeton Technology Co...
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
Dimming Ballast Controller IC
logo
International Rectifier
IRPLCFL8U IRF-IRPLCFL8U Datasheet
609Kb / 27P
Simplified Three Level Dimming CFL Fluorescent Ballast using the IRS2530D DIM8TM
logo
NXP Semiconductors
UBA2021 PHILIPS-UBA2021_08 Datasheet
107Kb / 16P
630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
logo
STMicroelectronics
L6520 STMICROELECTRONICS-L6520 Datasheet
326Kb / 19P
Highly integrated ballast controller for TL and CFL
09-Mar-2011
L6520TR STMICROELECTRONICS-L6520TR Datasheet
326Kb / 19P
Highly integrated ballast controller for TL and CFL
09-Mar-2011
AN2590 STMICROELECTRONICS-AN2590 Datasheet
833Kb / 17P
20 W dimmable CFL ballast solution
08-Oct-2007
logo
International Rectifier
IRS2530D IRF-IRS2530D_15 Datasheet
462Kb / 23P
Dimming ballast control plus half-bridge driver
logo
STMicroelectronics
EVAL6574B STMICROELECTRONICS-EVAL6574B Datasheet
398Kb / 8P
CFL/TL ballast driver preheat and dimming demonstration board based on the L6574
May 2013 Rev 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com