Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX2SS-L-3V Datasheet (PDF) - Panasonic Semiconductor

TX2SS-L-3V Datasheet PDF - Panasonic Semiconductor
Part # TX2SS-L-3V
Download  TX2SS-L-3V Download
File Size   3371.01 Kbytes
Page   7 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Best seller with broad lineup and AC 2000 V breakdown voltage.

TX2SS-L-3V Datasheet (PDF)

Go To PDF Page Download Datasheet
TX2SS-L-3V Datasheet PDF - Panasonic Semiconductor

Part # TX2SS-L-3V
Download  TX2SS-L-3V Click to download

File Size   3371.01 Kbytes
Page   7 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Best seller with broad lineup and AC 2000 V breakdown voltage.

TX2SS-L-3V Datasheet (HTML) - Panasonic Semiconductor


TX2SS-L-3V Product details

FEATURES
• Breakdown voltage between contacts and coil: 2,000 V
• Surge withstand between contacts and coil: 2,500 V
• High contact capacity: 2 A 30 V DC
• Surface-mount type available




Similar Part No. - TX2SS-L-3V

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX2S RADIOMETRIX-TX2S Datasheet
242Kb / 7P
UHF FM Data Transmitter Module
TX2S-433-40-3V RADIOMETRIX-TX2S-433-40-3V Datasheet
242Kb / 7P
UHF FM Data Transmitter Module
TX2S-433-40-3V-SM RADIOMETRIX-TX2S-433-40-3V-SM Datasheet
242Kb / 7P
UHF FM Data Transmitter Module
TX2S-434-40-3V RADIOMETRIX-TX2S-434-40-3V Datasheet
242Kb / 7P
UHF FM Data Transmitter Module
logo
Panasonic Semiconductor
TX2SA-5V PANASONIC-TX2SA-5V Datasheet
57Kb / 4P
Small size, controlled 7.5A inrush current possible
More results


Similar Description - TX2SS-L-3V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
DSBT NAIS-DSBT Datasheet
75Kb / 3P
4,000 V BREAKDOWN VOLTAGE DS RELAYS
logo
New Jersey Semi-Conduct...
2N1770 NJSEMI-2N1770 Datasheet
343Kb / 1P
BROAD VOLTAGE RANGE
logo
Panasonic Semiconductor
TX2SL-12V PANASONIC-TX2SL-12V Datasheet
3Mb / 7P
Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2SA-L-3V PANASONIC-TX2SA-L-3V Datasheet
3Mb / 7P
Best seller with broad lineup and AC 2000 V breakdown voltage.
logo
Omron Electronics LLC
G2R1AEASIDC24 OMRON-G2R1AEASIDC24 Datasheet
2Mb / 14P
The Best Seller G2R
G2R-1-DC12 OMRON-G2R-1-DC12 Datasheet
2Mb / 14P
The Best Seller G2R
logo
Panasonic Battery Group
TX PANASONICBATTERY-TX Datasheet
126Kb / 6P
Best seller with broad lineup and AC 2000 V breakdown voltage.
logo
Sangdest Microelectroni...
SMCJ200CA SMC-SMCJ200CA Datasheet
199Kb / 5P
Breakdown voltage range: 220 V
logo
New Jersey Semi-Conduct...
C45 NJSEMI-C45 Datasheet
262Kb / 3P
Broad Voltage Range?봘p to 800 V
logo
TOKYO SEIMITSU CO., LTD
W-GM-4200 ACCRETECH-W-GM-4200 Datasheet
356Kb / 2P
Best Seller Machine W-GM-Series
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com