Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5344 Datasheet (PDF) - Analog Devices

AD5344 Datasheet PDF - Analog Devices
Part # AD5344
Download  AD5344 Download
File Size   357.74 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages

AD5344 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5344 Datasheet PDF - Analog Devices

Part # AD5344
Download  AD5344 Click to download

File Size   357.74 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages

AD5344 Datasheet (HTML) - Analog Devices


AD5344 Product details

GENERAL DESCRIPTION
The AD5304/AD5314/AD53241 are quad 8-, 10-, and 12-bit buffered voltage output DACs in 10-lead MSOP and 10-lead LFCSP packages that operate from a single 2.5 V to 5.5 V supply, consuming 500 μA at 3 V. Their on-chip output amplifiers allow rail-to-rail output swing to be achieved with a slew rate of 0.7 V/μs. A 3-wire serial interface is used; it operates at clock rates up to 30 MHz and is compatible with standard SPI, QSPI, MICROWIRE, and DSP interface standards.
   
FEATURES
    AD5304: 4 buffered 8-Bit DACs in 10-lead MSOP and
        10-lead LFCSP
        A, W Version: ±1 LSB INL, B Version: ±0.625 LSB INL
    AD5314: 4 buffered 10-Bit DACs in 10-lead MSOP and
        10-lead LFCSP
        A, W Version: ±4 LSB INL, B Version: ±2.5 LSB INL
    AD5324: 4 buffered 12-Bit DACs in 10-lead MSOP and
        10-lead LFCSP
        A, W Version: ±16 LSB INL, B Version: ±10 LSB INL
    Low power operation: 500 μA @ 3 V, 600 μA @ 5 V
    2.5 V to 5.5 V power supply
    Guaranteed monotonic by design over all codes
    Power-down to 80 nA @ 3 V, 200 nA @ 5 V
    Double-buffered input logic
    Output range: 0 V to VREF
    Power-on reset to 0 V
    Simultaneous update of outputs (LDAC function)
    Low power-, SPI®-, QSPI™-, MICROWIRE™-, and
        DSP-compatible 3-wire serial interface
    On-chip, rail-to-rail output buffer amplifiers
    Temperature range −40°C to +105°C
    Qualified for automotive applications
   
APPLICATIONS
    Portable battery-powered instruments
    Digital gain and offset adjustment
    Programmable voltage and current sources
    Programmable attenuators
    Industrial process controls
   




Similar Part No. - AD5344

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5344 AD-AD5344 Datasheet
359Kb / 20P
2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
AD5344 AD-AD5344 Datasheet
274Kb / 20P
2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
AD5344 AD-AD5344 Datasheet
324Kb / 20P
2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
AD5344 AD-AD5344 Datasheet
565Kb / 24P
2.5 V to 5.5 V, 500 關A, 2-Wire Interface Interface
Rev. G
AD5344 AD-AD5344 Datasheet
476Kb / 24P
2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
More results


Similar Description - AD5344

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5304ARM AD-AD5304ARM Datasheet
357Kb / 24P
2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5324BRMZ AD-AD5324BRMZ Datasheet
357Kb / 24P
2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5336BRUZ AD-AD5336BRUZ Datasheet
384Kb / 20P
2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5307BRU AD-AD5307BRU Datasheet
585Kb / 28P
2.5 V to 5.5 V, 400 關A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5344BRUZ AD-AD5344BRUZ Datasheet
384Kb / 20P
2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5304 AD-AD5304_15 Datasheet
357Kb / 24P
2.5 V to 5.5 V, 500 A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5314 AD-AD5314_15 Datasheet
357Kb / 24P
2.5 V to 5.5 V, 500 A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5324 AD-AD5324_15 Datasheet
357Kb / 24P
2.5 V to 5.5 V, 500 A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5334 AD-AD5334_15 Datasheet
384Kb / 20P
2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5344 AD-AD5344_15 Datasheet
384Kb / 20P
2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com