Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSR412 Datasheet (PDF) - Fairchild Semiconductor

HSR412 Datasheet PDF - Fairchild Semiconductor
Part # HSR412
Download  HSR412 Download
File Size   371.41 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description PHOTOVOLTAIC SOLID-STATE RELAY OPTOCOUPLERS

HSR412 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSR412 Datasheet PDF - Fairchild Semiconductor

Part # HSR412
Download  HSR412 Click to download

File Size   371.41 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description PHOTOVOLTAIC SOLID-STATE RELAY OPTOCOUPLERS

HSR412 Datasheet (HTML) - Fairchild Semiconductor


HSR412 Product details

Description

The HSR312 and HSR412 devices consist of a AlGaAs infrared emitting diode optically coupled to a power MOSFET detector which is driven by a photovoltaic generator. The devices are housed in a 6-pin dual-in-line package. The HSR312L and HSR412L employ an active current limit circuitry enabling the device to with stand current surge transients.



Features

■4,000 VRMS Isolation

■Wide operating voltage range

■250 V (HSR312, HSR312L)

■400 V (HSR412, HSR412L)

■Solid-State Reliability

■Bounce-Free Operation

■4000 V ESD Rating (HBM)

■UL and CSA approved



Applications

■On/Off Hook Switch

■Replacement for Mechanical Relays

■Dial Out Relay

■Ring Injection Relay

■General Switching

■Ground Start




Similar Part No. - HSR412

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HSR412 FAIRCHILD-HSR412 Datasheet
507Kb / 10P
Photovoltaic Solid-State Relay Optocouplers
HSR412 FAIRCHILD-HSR412 Datasheet
262Kb / 10P
Photovoltaic Solid-State Relay Optocouplers
HSR412 FAIRCHILD-HSR412 Datasheet
262Kb / 10P
Photovoltaic Solid-State Relay Optocouplers
HSR412L FAIRCHILD-HSR412L Datasheet
507Kb / 10P
Photovoltaic Solid-State Relay Optocouplers
HSR412L FAIRCHILD-HSR412L Datasheet
262Kb / 10P
Photovoltaic Solid-State Relay Optocouplers
More results


Similar Description - HSR412

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HSR312 FAIRCHILD-HSR312_06 Datasheet
507Kb / 10P
Photovoltaic Solid-State Relay Optocouplers
logo
Vishay Siliconix
VO1263AAC VISHAY-VO1263AAC Datasheet
135Kb / 7P
Dual Photovoltaic MOSFET Driver Solid State Relay
07-May-08
LH1262CAC VISHAY-LH1262CAC_11 Datasheet
139Kb / 6P
Dual Photovoltaic MOSFET Driver Solid-State Relay
26-Sep-11
logo
Fairchild Semiconductor
HSR412SR2 FAIRCHILD-HSR412SR2 Datasheet
262Kb / 10P
Photovoltaic Solid-State Relay Optocouplers
HSR412LSR2 FAIRCHILD-HSR412LSR2 Datasheet
262Kb / 10P
Photovoltaic Solid-State Relay Optocouplers
logo
Vishay Siliconix
VO1263AAC VISHAY-VO1263AAC_13 Datasheet
150Kb / 6P
Dual Photovoltaic MOSFET Driver Solid-State Relay
29-May-13
LH1262 VISHAY-LH1262 Datasheet
158Kb / 6P
Dual Photovoltaic MOSFET Driver Solid-State Relay
31-Jan-2019
VO1263AAC VISHAY-VO1263AAC_V01 Datasheet
172Kb / 8P
Dual Photovoltaic MOSFET Driver Solid-State Relay
15-Mar-2019
LH1262CAC VISHAY-LH1262CAC_V01 Datasheet
157Kb / 6P
Dual Photovoltaic MOSFET Driver Solid-State Relay
31-Jan-2019
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com