Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL431AICT Datasheet (PDF) - STMicroelectronics

TL431AICT Datasheet PDF - STMicroelectronics
Part # TL431AICT
Download  TL431AICT Download
File Size   939.14 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Programmable voltage reference

TL431AICT Datasheet (PDF)

Go To PDF Page Download Datasheet
TL431AICT Datasheet PDF - STMicroelectronics

Part # TL431AICT
Download  TL431AICT Click to download

File Size   939.14 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Programmable voltage reference

TL431AICT Datasheet (HTML) - STMicroelectronics


TL431AICT Product details

Description
The TL431 and TL432 are programmable shunt voltage references with guaranteed temperature stability over the entire operating temperature range. The device temperature range is extended for the automotive version from -40 °C up to +125 °C. The output voltage can be set to any value between 2.5 and 36 V with two external resistors. The TL431 and TL432 operate with a wide current range from 1 to 100 mA with a typical dynamic impedance of 0.22 Ω.

Features
■ Adjustable output voltage: 2.5 to 36 V
■ Sink current capability: 1 to 100 mA
■ Typical output impedance: 0.22 Ω
■ 1% and 2% voltage precision
■ Automotive temp. range - 40 °C to +125 °C

Applications
■ Power supply
■ Industrial
■ Automotive




Similar Part No. - TL431AICT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TL431AI PHILIPS-TL431AI Datasheet
189Kb / 16P
Adjustable precision shunt regulators
1997 Feb 25
logo
STMicroelectronics
TL431AI STMICROELECTRONICS-TL431AI Datasheet
152Kb / 10P
PROGRAMMABLE VOLTAGE REFERENCE
Mar-2002
TL431AI STMICROELECTRONICS-TL431AI Datasheet
243Kb / 13P
Programmable Voltage Reference
Nov-2005
logo
Motorola, Inc
TL431AID MOTOROLA-TL431AID Datasheet
258Kb / 16P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431AID ONSEMI-TL431AID Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
More results


Similar Description - TL431AICT

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
Programmable Voltage Reference
A431X AUK-A431X Datasheet
375Kb / 6P
Programmable Voltage Reference
SL431X AUK-SL431X Datasheet
355Kb / 6P
Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
Programmable Voltage Reference
Nov-2005
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
Programmable Voltage Reference
Nov-2005
logo
AUK corp
SL431XM AUK-SL431XM_1 Datasheet
354Kb / 6P
Programmable Voltage Reference
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
Programmable Voltage Reference
SL432XSF AUK-SL432XSF_1 Datasheet
349Kb / 5P
Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
Programmable Voltage Reference
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com