Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQFP32 Datasheet (PDF) - STMicroelectronics

LQFP32 Datasheet PDF - STMicroelectronics
Part # LQFP32
Download  LQFP32 Download
File Size   1183.2 Kbytes
Page   53 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Motor bridge driver for automotive applications

LQFP32 Datasheet (PDF)

Go To PDF Page Download Datasheet
LQFP32 Datasheet PDF - STMicroelectronics

Part # LQFP32
Download  LQFP32 Click to download

File Size   1183.2 Kbytes
Page   53 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Motor bridge driver for automotive applications

LQFP32 Datasheet (HTML) - STMicroelectronics


LQFP32 Product details

Description

The L99H01 is designed to control 4 external N-channel MOS transistors in bridge configuration for DC-motor driving in automotive applications. A free configurable current sense amplifier is integrated.



Features

• Operating supply voltage 6 V to 28 V

• Central 2 stage charge pump

• 100% duty cycle

• Full RDSon down to 6 V (normal level MOSFETs)

• Control of reverse battery protection MOSFET

• Charge pump current limited

• PWM operation up to 30 kHz

• SPI interface

• Current sense amplifier / free configurable

• Zero adjust for end of line trimming

• Power management: programmable free wheeling

• Sensing circuitry of external MOSFETs with embedded thermal sensors



Applications

• Wiper

• Power door

• Seat belt tensioner

• Seat positioning

• Valve tronic

• Park break

• 2H motors




Similar Part No. - LQFP32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LQFP32 STMICROELECTRONICS-LQFP32 Datasheet
756Kb / 41P
SPI control diagnosis interface device for VIPower M0-5 and M0-5E high side drivers
09-Apr-2010
More results


Similar Description - LQFP32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3201-Q1 TI1-DRV3201-Q1 Datasheet
412Kb / 44P
3 Phase Motor Driver-IC for Automotive Safety Applications
logo
Mitsubishi Electric Sem...
M81729JFP MITSUBISHI-M81729JFP Datasheet
183Kb / 8P
HIGH VOLTAGE HALF BRIDGE DRIVER FOR AUTOMOTIVE APPLICATIONS
logo
STMicroelectronics
VNH2SP30TR-E STMICROELECTRONICS-VNH2SP30TR-E Datasheet
636Kb / 33P
Automotive fully integrated H-bridge motor driver
02-Oct-2008
VNH5019ATR-E STMICROELECTRONICS-VNH5019ATR-E Datasheet
470Kb / 37P
Automotive fully integrated H-bridge motor driver
19-Sep-2013
L99H01QF STMICROELECTRONICS-L99H01QF Datasheet
872Kb / 53P
Motor bridge driver for automotive applications
19-Sep-2013
logo
Texas Instruments
DRV8873-Q1 TI1-DRV8873-Q1 Datasheet
170Kb / 8P
Automotive H-Bridge Motor Driver
DRV8873-Q1 TI1-DRV8873-Q1_18 Datasheet
173Kb / 8P
Automotive H-Bridge Motor Driver
logo
STMicroelectronics
VNHD7008AY STMICROELECTRONICS-VNHD7008AY Datasheet
1Mb / 44P
H-bridge motor driver for automotive DC motor driving
01-Apr-2020
L99H02 STMICROELECTRONICS-L99H02 Datasheet
1Mb / 51P
H-bridge gate driver for automotive applications
24-Feb-2021
VNHD7012AY STMICROELECTRONICS-VNHD7012AY Datasheet
1Mb / 43P
H-bridge motor driver for automotive DC motor driving
10-Mar-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com