Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD4850G-TL Datasheet (PDF) - Rohm

BD4850G-TL Datasheet PDF - Rohm
Part # BD4850G-TL
Download  BD4850G-TL Download
File Size   433.03 Kbytes
Page   18 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High accuracy detection, Ultra-low current consumption

BD4850G-TL Datasheet (PDF)

Go To PDF Page Download Datasheet
BD4850G-TL Datasheet PDF - Rohm

Part # BD4850G-TL
Download  BD4850G-TL Click to download

File Size   433.03 Kbytes
Page   18 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High accuracy detection, Ultra-low current consumption

BD4850G-TL Datasheet (HTML) - Rohm


BD4850G-TL Product details

Description
ROHM’s BD48□□G/FVE and BD49□□G/FVE series are highly accurate, low current consumption reset IC series. The lineup was established with tow output types (Nch open drain and CMOS output) and detection voltages range from 2.3V to 6.0V in increments of 0.1V, so that the series may be selected according the application at hand.

Features
1) Detection voltage: 2.3V to 6.0V (Typ.), 0.1V steps
2) High accuracy detection voltage: ±1.0%
3) Ultra-low current consumption: 0.8μA (Typ.)
4) Nch open drain output (BD48□□G/FVE), CMOS output (BD49□□G/FVE)
5) Compact packages VSOF5: BD48□□FVE, BD49□□FVE
                                    SSOP5: BD48□□G, BD49□□G

Applications
    All electronic devices that use microcontrollers and logic circuits




Similar Part No. - BD4850G-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4850G-TL ROHM-BD4850G-TL Datasheet
509Kb / 19P
Standard CMOS Voltage Detector IC
BD4850G-TL ROHM-BD4850G-TL Datasheet
507Kb / 18P
Standard CMOS Voltage Detector IC
BD4850G-TL ROHM-BD4850G-TL Datasheet
507Kb / 18P
Standard CMOS Voltage Detector IC
BD4850G-TL ROHM-BD4850G-TL Datasheet
507Kb / 18P
Standard CMOS Standard CMOS
BD4850G-TL ROHM-BD4850G-TL Datasheet
507Kb / 18P
Standard CMOS Voltage Detector IC
More results


Similar Description - BD4850G-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3180FV ROHM-BD3180FV Datasheet
170Kb / 6P
Super High Accuracy Current Detection Amp
BUXXTD3WG-E ROHM-BUXXTD3WG-E Datasheet
567Kb / 12P
High accuracy detection, low current consumption
BUXXTH5WNVX ROHM-BUXXTH5WNVX Datasheet
1Mb / 20P
High accuracy detection
BUXXUC3WG ROHM-BUXXUC3WG Datasheet
1Mb / 26P
High accuracy detection
logo
Seiko Instruments Inc
S1206 SII-S1206 Datasheet
557Kb / 35P
ULTRA LOW CURRENT CONSUMPTION AND
S1167 SII-S1167 Datasheet
1Mb / 31P
ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION
S1009 SII-S1009 Datasheet
661Kb / 43P
SUPER-LOW CURRENT CONSUMPTION SUPER HIGH-ACCURACY VOLTAGE
S5470 SII-S5470 Datasheet
245Kb / 24P
ULTRA-LOW CURRENT CONSUMPTION
S-5470A21I-M5T1U SII-S-5470A21I-M5T1U Datasheet
1Mb / 24P
ULTRA-LOW CURRENT CONSUMPTION
logo
Infineon Technologies A...
TLE7276-2E INFINEON-TLE7276-2E Datasheet
424Kb / 19P
Ultra Low Current Consumption 20
Rev. 1.0, June 2009
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com