Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC12C5 Datasheet (PDF) - Microchip Technology

PIC12C5 Datasheet PDF - Microchip Technology
Part # PIC12C5
Download  PIC12C5 Download
File Size   75.71 Kbytes
Page   4 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PIC12C5XX Data Sheet Errata

PIC12C5 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC12C5 Datasheet PDF - Microchip Technology

Part # PIC12C5
Download  PIC12C5 Click to download

File Size   75.71 Kbytes
Page   4 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PIC12C5XX Data Sheet Errata

PIC12C5 Datasheet (HTML) - Microchip Technology


PIC12C5 Product details

GENERAL DESCRIPTION
The PIC12C5XX from Microchip Technology is a family of low-cost, high performance, 8-bit, fully static, EEPROM/EPROM/ROM-based CMOS microcontrollers. It employs a RISC architecture with only 33 single word/single cycle instructions. All instructions are single cycle (1 µs) except for program branches which take two cycles. The PIC12C5XX delivers performance an order of magnitude higher than its competitors in the same price category. The 12-bit wide instructions are highly symmetrical resulting in 2:1 code compression over other 8-bit microcontrollers in its class. The easy to use and easy to remember instruction set reduces development time significantly.

High-Performance RISC CPU:
• Only 33 single word instructions to learn
• All instructions are single cycle (1 µs) except for program branches which are two-cycle
• Operating speed: DC - 4 MHz clock input DC - 1 µs instruction cycle
• 12-bit wide instructions
• 8-bit wide data path
• Seven special function hardware registers
• Two-level deep hardware stack
• Direct, indirect and relative addressing modes for data and instructions
• Internal 4 MHz RC oscillator with programmable calibration
• In-circuit serial programming

Peripheral Features:
• 8-bit real time clock/counter (TMR0) with 8-bit programmable prescaler
• Power-On Reset (POR)
• Device Reset Timer (DRT)
• Watchdog Timer (WDT) with its own on-chip RC oscillator for reliable operation
• Programmable code-protection
• 1,000,000 erase/write cycle EEPROM data memory
• EEPROM data retention > 40 years
• Power saving SLEEP mode
• Wake-up from SLEEP on pin change
• Internal weak pull-ups on I/O pins
• Internal pull-up on MCLR pin
• Selectable oscillator options:
   - INTRC: Internal 4 MHz RC oscillator
   - EXTRC: External low-cost RC oscillator
   - XT: Standard crystal/resonator
   - LP: Power saving, low frequency crystal

CMOS Technology:
• Low power, high speed CMOS EPROM/ROM technology
• Fully static design
• Wide operating voltage range
• Wide temperature range:
   - Commercial: 0°C to +70°C
   - Industrial: -40°C to +85°C
   - Extended: -40°C to +125°C
• Low power consumption
   - < 2 mA @ 5V, 4 MHz
   - 15 µA typical @ 3V, 32 KHz
   - < 1 µA typical standby current




Similar Part No. - PIC12C5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12C508 MICROCHIP-PIC12C508 Datasheet
526Kb / 84P
8-Pin, 8-Bit CMOS Microcontroller
1996
PIC12C508 MICROCHIP-PIC12C508 Datasheet
1Mb / 113P
8-Pin, 8-Bit CMOS Microcontrollers
1999 - 2002
PIC12C508 MICROCHIP-PIC12C508 Datasheet
158Kb / 17P
USING KEELOQ짰 TO GENERATE HOPPING PASSWORDS
1997 - 2002
PIC12C508 MICROCHIP-PIC12C508 Datasheet
1Mb / 113P
8-Pin, 8-Bit CMOS Microcontrollers
1999 - 2002
PIC12C508 MICROCHIP-PIC12C508 Datasheet
1Mb / 113P
8-Pin, 8-Bit CMOS Microcontrollers
01/18/02
More results


Similar Description - PIC12C5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C641 MICROCHIP-PIC16C641 Datasheet
67Kb / 4P
Silicon Errata Sheet
1998 - 1999
PIC18F8720 MICROCHIP-PIC18F8720 Datasheet
289Kb / 12P
Rev. A4 Silicon/Data Sheet Errata
2005
PIC16F62X MICROCHIP-PIC16F62X_02 Datasheet
282Kb / 20P
Silicon/Data Sheet Errata
2002
PIC16C717 MICROCHIP-PIC16C717_02 Datasheet
81Kb / 6P
C Silicon/Data Sheet Errata
2002
PIC24F04KA201 MICROCHIP-PIC24F04KA201_11 Datasheet
97Kb / 8P
Silicon Errata and Data Sheet Clarification
2011
PIC12F508-I-SN MICROCHIP-PIC12F508-I-SN Datasheet
277Kb / 4P
PIC12F508/509 Rev. A Silicon/Data Sheet Errata
06/25/07
PIC12C508-04 MICROCHIP-PIC12C508-04 Datasheet
260Kb / 12P
PIC12C508/509 Data Sheet Errata
02/12/03
PIC12C508A-04I MICROCHIP-PIC12C508A-04I Datasheet
75Kb / 4P
PIC12C5XX Data Sheet Errata
10/20/04
KSZ8041 MICROCHIP-KSZ8041 Datasheet
136Kb / 4P
KSZ8041 Silicon Errata and Data Sheet Clarification
05-05-16
logo
Silicon Laboratories
SI5347-46 SILABS-SI5347-46 Datasheet
210Kb / 13P
Data Sheet Errata for Product Revision B
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com