Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60N60 Datasheet (PDF) - IXYS Corporation

60N60 Datasheet PDF - IXYS Corporation
Part # 60N60
Download  60N60 Download
File Size   156.6 Kbytes
Page   5 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description HiPerFASTTM IGBTs with Diode

60N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
60N60 Datasheet PDF - IXYS Corporation

Part # 60N60
Download  60N60 Click to download

File Size   156.6 Kbytes
Page   5 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description HiPerFASTTM IGBTs with Diode

60N60 Datasheet (HTML) - IXYS Corporation


60N60 Product details

HiPerFAST™ IGBTs with Diode
C2-Class High Speed IGBTs

Features
• International Standard Package miniBLOC
• Aluminium Nitride Isolation - High Power Dissipation
• Anti-Parallel Ultra Fast Diode
• Isolation Voltage 3000 V~
• Low VCE(sat) for Minimum On-State Conduction Losses
• MOS Gate Turn-on - Drive Simplicity
• Low Collector-to-Case Capacitance (< 50 pF)
• Low Package Inductance (< 5 nH)
    - Easy to Drive and to Protect

Applications
• AC Motor Speed Control
• DC Servo and Robot Drives
• DC Choppers
• Uninterruptible Power Supplies (UPS)
• Switch-Mode and Resonant-Mode Power Supplies

Advantages
• Easy to Mount with 2 Screws
• Space Savings
• High Power Density




Similar Part No. - 60N60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
60N60 IXYS-60N60 Datasheet
67Kb / 2P
Ultra-Low VCE(sat) IGBT
60N60 IXYS-60N60 Datasheet
156Kb / 5P
HiPerFASTTM IGBTs with Diode
60N60B2 IXYS-60N60B2 Datasheet
514Kb / 6P
B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
60N60B2D1 IXYS-60N60B2D1 Datasheet
514Kb / 6P
B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
logo
Silan Microelectronics ...
60N60FD1 SILAN-60N60FD1 Datasheet
307Kb / 10P
60A, 600V FIELD STOP IGBT
Rev.:1.7
More results


Similar Description - 60N60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH30B60BD1 IXYS-IXGH30B60BD1 Datasheet
114Kb / 5P
HiPerFASTTM IGBT with Diode
IXSH24N60U1 IXYS-IXSH24N60U1 Datasheet
37Kb / 2P
HiPerFASTTM IGBT with Diode
IXGH50N60B2 IXYS-IXGH50N60B2 Datasheet
585Kb / 5P
HiPerFASTTM IGBT B2-Class High Speed IGBTs
IXGH60N60C2 IXYS-IXGH60N60C2 Datasheet
584Kb / 5P
HiPerFASTTM IGBT C2-Class High Speed IGBTs
IXGK60N60C2D1 IXYS-IXGK60N60C2D1 Datasheet
620Kb / 5P
HiPerFASTTM IGBT with Diode
IXGH40N60C2D1 IXYS-IXGH40N60C2D1 Datasheet
175Kb / 6P
HiPerFASTTM IGBTs w/ Diode
IXGR40N60C2 IXYS-IXGR40N60C2 Datasheet
183Kb / 6P
HiPerFASTTM IGBT ISOPLUS247TM C2-Class High Speed IGBTs
IXGN60N60C2D1 IXYS-IXGN60N60C2D1 Datasheet
156Kb / 5P
HiPerFASTTM IGBTs with Diode
IXGR32N90B2D1 IXYS-IXGR32N90B2D1 Datasheet
205Kb / 7P
HiPerFASTTM IGBT with Fast Diode
IXGX40N60BD1 IXYS-IXGX40N60BD1 Datasheet
99Kb / 2P
HiPerFASTTM IGBT with Diode
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com