Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR2206D-F Datasheet (PDF) - Exar Corporation

XR2206D-F Datasheet PDF - Exar Corporation
Part # XR2206D-F
Download  XR2206D-F Download
File Size   148.09 Kbytes
Page   12 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Evaluation System User Manual

XR2206D-F Datasheet (PDF)

Go To PDF Page Download Datasheet
XR2206D-F Datasheet PDF - Exar Corporation

Part # XR2206D-F
Download  XR2206D-F Click to download

File Size   148.09 Kbytes
Page   12 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Evaluation System User Manual

XR2206D-F Datasheet (HTML) - Exar Corporation


XR2206D-F Product details

GENERAL DESCRIPTION
The XR-2206 is a monolithic function generator integrated circuit capable of producing high quality sine, square, triangle, ramp, and pulse waveforms of high-stability and accuracy. The output waveforms can be both amplitude and frequency modulated by an external voltage. Frequency of operation can be selected externally over a range of 0.01Hz to more than 1MHz.
The circuit is ideally suited for communications, instrumentation, and function generator applications requiring sinusoidal tone, AM, FM, or FSK generation. It has a typical drift specification of 20ppm/°C. The oscillator frequency can be linearly swept over a 2000:1 frequency range with an external control voltage, while maintaining low distortion.

FEATURES
● Low-Sine Wave Distortion, 0.5%, Typical
● Excellent Temperature Stability, 20ppm/°C, Typ.
● Wide Sweep Range, 2000:1, Typical
● Low-Supply Sensitivity, 0.01%V, Typ.
● Linear Amplitude Modulation
● TTL Compatible FSK Controls
● Wide Supply Range, 10V to 26V
● Adjustable Duty Cycle, 1% TO 99%

APPLICATIONS
● Waveform Generation
● Sweep Generation
● AM/FM Generation
● V/F Conversion
● FSK Generation
● Phase-Locked Loops (VCO)




Similar Part No. - XR2206D-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR2206D EXAR-XR2206D Datasheet
191Kb / 16P
Monolithic Function Generator
More results


Similar Description - XR2206D-F

ManufacturerPart #DatasheetDescription
logo
Winbond
ES521 WINBOND-ES521 Datasheet
617Kb / 15P
Winbond ES521 Evaluation System User Guide
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141 Datasheet
304Kb / 7P
Evaluation Board User?셲 Manual
September 27, 2006
logo
Winbond
W6810 WINBOND-W6810_1 Datasheet
597Kb / 16P
Codec Evaluation System User?셲 Guide
logo
CML Microcircuits
EV0171 CMLMICRO-EV0171 Datasheet
970Kb / 16P
Evaluation Kit User Manual
EV6020 CMLMICRO-EV6020 Datasheet
931Kb / 13P
Evaluation Kit User Manual
EV6040 CMLMICRO-EV6040 Datasheet
902Kb / 13P
Evaluation Kit User Manual
logo
Analog Devices
AN5263 AD-AN5263 Datasheet
1Mb / 26P
78M6631 Evaluation Board User Manual
logo
Teridian Semiconductor ...
73M1966B TERIDIAN-73M1966B_V01 Datasheet
345Kb / 18P
Evaluation Kit User Manual
March 19, 2009 Rev. 1.0
78M6612-EVM-1 TERIDIAN-78M6612-EVM-1 Datasheet
2Mb / 36P
78M6612 AC-PMON Evaluation Board User Manual
February 1, 2010 Rev. 1.1
logo
SiTime Corp.
SIT6722EB SITIME-SIT6722EB Datasheet
534Kb / 8P
SiT6722EB Evaluation Board User Manual
Rev 2.02
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com